Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS299 Datasheet(PDF) 4 Page - Motorola, Inc

Part # SN54LS299
Description  8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS299 Datasheet(HTML) 4 Page - Motorola, Inc

  SN54LS299 Datasheet HTML 1Page - Motorola, Inc SN54LS299 Datasheet HTML 2Page - Motorola, Inc SN54LS299 Datasheet HTML 3Page - Motorola, Inc SN54LS299 Datasheet HTML 4Page - Motorola, Inc SN54LS299 Datasheet HTML 5Page - Motorola, Inc SN54LS299 Datasheet HTML 6Page - Motorola, Inc SN54LS299 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-482
FAST AND LS TTL DATA
SN54/74LS299
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
25
35
MHz
CL = 15 pF
tPHL
tPLH
Propagation Delay, Clock
to Q0 or Q7
26
22
39
33
ns
CL = 15 pF
tPHL
Propagation Delay, Clear
to Q0 or Q7
27
40
ns
L = 15 pF
tPHL
tPLH
Propagation Delay, Clock
to I/O0 – I/O7
26
17
39
25
ns
CL = 45 pF,
RL = 667 Ω
tPHL
Propagation Delay, Clear
to I/O0 – I/O7
26
40
ns
CL = 45 pF,
RL = 667 Ω
tPZH
tPZL
Output Enable Time
13
19
21
30
ns
tPHZ
tPLZ
Output Disable Time
10
10
15
15
ns
CL = 5.0 pF
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width HIGH
25
ns
VCC = 5.0 V
tW
Clock Pulse Width LOW
13
ns
VCC = 5.0 V
tW
Clear Pulse Width LOW
20
ns
VCC = 5.0 V
ts
Data Setup Time
20
ns
VCC = 5.0 V
ts
Select Setup Time
35
ns
VCC = 5.0 V
th
Data Hold Time
0
ns
th
Select Hold Time
10
ns
trec
Recovery Time
20
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com