Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS299 Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN54LS299
Description  8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS299 Datasheet(HTML) 3 Page - Motorola, Inc

  SN54LS299 Datasheet HTML 1Page - Motorola, Inc SN54LS299 Datasheet HTML 2Page - Motorola, Inc SN54LS299 Datasheet HTML 3Page - Motorola, Inc SN54LS299 Datasheet HTML 4Page - Motorola, Inc SN54LS299 Datasheet HTML 5Page - Motorola, Inc SN54LS299 Datasheet HTML 6Page - Motorola, Inc SN54LS299 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-481
FAST AND LS TTL DATA
SN54/74LS299
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
I/O0 – I/O7
54
2.4
3.2
V
VCC = MIN, IOH = MAX
VOH
Output HIGH Voltage
I/O0 – I/O7
74
2.4
3.1
V
VCC = MIN, IOH = MAX
VOH
Output HIGH Voltage
Q0, Q7
54
2.5
3.4
V
VCC = MIN, IOH = MAX
VOH
Output HIGH Voltage
Q0, Q7
74
2.7
3.4
V
VCC = MIN, IOH = MAX
VOL
Output LOW Voltage
I/O0 – I/O7
54, 74
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
I/O0 – I/O7
74
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
I/O0 – I/O7
54, 74
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
I/O0 – I/O7
74
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
I/O0 – I/O7
40
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current LOW
I/O0 – I/O7
– 400
µA
VCC = MAX, VOUT = 0.4 V
IIH
Input HIGH Current
Others
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
S0, S1,
I/O0 – I/O7
40
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
Others
0.1
mA
VCC = MAX, VIN = 7.0 V
S0, S1
0.2
mA
VCC = MAX, VIN = 7.0 V
I/O0 – I/O7
0.1
mA
VCC = MAX, VIN = 5.5 V
IIL
Input LOW Current
Others
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IIL
Input LOW Current
S0, S1
– 0.8
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current
(Note 1)
Q0, Q7
– 20
–100
mA
VCC = MAX
OS
Short Circuit Current
(Note 1)
I/O0 – I/O7
– 30
–130
mA
VCC = MAX
ICC
Power Supply Current
53
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com