Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPST Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CSPST
Description  CHIP SCALE SERIES TERMINATION ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPST Datasheet(HTML) 1 Page - California Micro Devices Corp

  CSPST Datasheet HTML 1Page - California Micro Devices Corp CSPST Datasheet HTML 2Page - California Micro Devices Corp CSPST Datasheet HTML 3Page - California Micro Devices Corp CSPST Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
11/10/2000
1
CSPST
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Chip Scale Series Termination Array
Features
• 8 or 16 integrated high frequency series
terminations
• Ultra small footprint Chip Scale Package
• Ceramic substrate
• 0.35mm Eutectic Solder Bumps, 0.65mm pitch
Product Description
The CSPST is a high performance Integrated Passive
Device (IPD) which provides series terminations suitable
for use in high speed bus applications. Eight (8) or
sixteen (16) series termination versions are provided.
These resistors provide excellent high frequency
performance in excess of 3GHz and are manufactured to
an absolute tolerance as low as ±1%. The Chip Scale
Applications
• Series resistive bus termination
• Isolated resistor array
C1300700
SCHEMATIC DIAGRAMS
Package provides an ultra small footprint for this IPD
and provides minimal parasitics compared to conven-
tional packaging. Typical bump inductance is less than
25pH. The large solder bumps and ceramic substrate
allow for standard attachment to laminate printed circuit
boards without the use of underfill.
CSPST08
R1
R1
D
C
B
A
12
3
4
R1
R1
R1
R1
R1
R1
R1
R1
D
C
B
A
12
3
4
R1
R1
R1
R1
R1
R1
5
R1
R1
6
R1
R1
7
R1
R1
8
R1
R1
CSPST16
S
E
U
L
A
V
D
R
A
D
N
A
T
S
e
u
l
a
V
r
o
t
s
i
s
e
R2
2
=
1
R
,
Ω 3
3
,
Ω 9
3
,
Ω
7
4
,
Ω
1
5
,
Ω 6
5
,
Ω
R
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
5
±
,
%
1
±
s
r
o
t
s
i
s
e
R
f
o
R
C
Tm
p
p
0
0
1
±
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
PW
m
0
0
1
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
8
o
t
C
°
0
4
–


Similar Part No. - CSPST

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
CSPSBULC1V5AE-TP TECHPUBLIC-CSPSBULC1V5AE-TP Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
CSPSBULC1V5LB-TP TECHPUBLIC-CSPSBULC1V5LB-TP Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
More results

Similar Description - CSPST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPDDR100 CALMIRCO-CSPDDR100 Datasheet
55Kb / 4P
CHIP SCALE DDR TERMINATION ARRAY
CSPPT CALMIRCO-CSPPT Datasheet
59Kb / 4P
CHIP SCALE PARALLEL TERMINATION ARRAY
logo
Analog Devices
BC-148 AD-BC-148 Datasheet
276Kb / 1P
148-Lead Chip Scale Package Ball Grid Array
logo
ON Semiconductor
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
200w chip scale tvs array
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
Convex Termination Chip Resistor Array
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
Concave Termination Chip Resistor Array
03/26/2020
RAF SEI-RAF Datasheet
407Kb / 4P
Flat Termination Chip Resistor Array
09/30/2020
RAVF SEI-RAVF Datasheet
392Kb / 6P
Convex Termination Chip Resistor Array
7/30/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com