Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPST Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CSPST
Description  CHIP SCALE SERIES TERMINATION ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPST Datasheet(HTML) 3 Page - California Micro Devices Corp

  CSPST Datasheet HTML 1Page - California Micro Devices Corp CSPST Datasheet HTML 2Page - California Micro Devices Corp CSPST Datasheet HTML 3Page - California Micro Devices Corp CSPST Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
11/10/2000
3
CSPST
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Typical PCB Routing Diagram (Bumps Down View)
Typical Solder Reflow Thermal Profile (No Clean Flux)
250
225
200
175
150
125
100
75
50
25
0
48
97
145
Time (s)
194
242
290
339
387
435
EXH
RF
Z5
Z4
EXH
PH
Z2
Z3
CD
D
C
B
A
1
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com