Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS133 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS133
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS133 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS133_14 Datasheet HTML 1Page - SEC Electronics Inc. SS133_14 Datasheet HTML 2Page - SEC Electronics Inc. SS133_14 Datasheet HTML 3Page - SEC Electronics Inc. SS133_14 Datasheet HTML 4Page - SEC Electronics Inc. SS133_14 Datasheet HTML 5Page - SEC Electronics Inc. SS133_14 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS133
Unipolar Hall-Effect Digital Switch
2
V2.00
May 1, 2012
General
Description
The SS133 is a unipolar Hall-effect sensor IC fabricated
from bipolar technology. The device integrates a voltage
regulator, reverse battery protection diode, Hall sensor with
dynamic
offset
cancellation
system,
temperature
compensation circuitry, small signal amplifier, Schmitt
trigger and an open-collector output to sink up to 50 mA.
With suitable output pull up, they can be used with bipolar
or CMOS logic circuits.
These Hall-effect switches are monolithic integrated circuits
with tighter magnetic specifications, designed to operate
continuously over extended temperatures to +150°C,and are
more stable with both temperature and supply voltage
changes. Internal compensation characteristic makes the
sensitivity increase slightly with temperature increasing, so
that this IC is Particularly suitable to be used with the
commonly low-cost magnets. If a magnetic flux density
larger than threshold Bop, Output is turned on (low). When
a magnetic flux density reversal falls below Brp, Output will
be turned off (high).
Thanks to its wide operating voltage range,extended choice
of temperature range and high reliability, it is quite suitable
for use in automotive, industrial and consumer applications.
Glossary of Terms
MilliTesla (mT),
Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com