Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS133 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS133
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS133 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS133_14 Datasheet HTML 1Page - SEC Electronics Inc. SS133_14 Datasheet HTML 2Page - SEC Electronics Inc. SS133_14 Datasheet HTML 3Page - SEC Electronics Inc. SS133_14 Datasheet HTML 4Page - SEC Electronics Inc. SS133_14 Datasheet HTML 5Page - SEC Electronics Inc. SS133_14 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS133
Unipolar Hall-Effect Digital Switch
3
V2.00
May 1, 2012
Pin Definitions and Descriptions
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
60
V
Reverse Voltage
VDD
-24
V
Output Voltage
VOUT
30
V
Output Current
IOUT
50
mA
Magnetic Flux Density
B
No limit
Operating Temperature Range
TA
-40 to +150
°C
Storage Temperature Range
TS
-65 to 170
°C
Maximum Junction Temperature
TJ
+150
°C
Lead Temperature(Solding, 5 sec)
TL
+250
°C
Package Power Dissipation
PD
450
mW
Absolute maximum ratings
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “K”
TA
-40 to 125
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum- rated conditions for extended
periods may affect device reliability
.
SOT Pin
№
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
GND
Ground
Ground pin
3
OUT
Output
Open Collector Output pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com