Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW-191TL Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTW-191TL
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-191TL Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTW-191TL Datasheet HTML 1Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 2Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 3Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 4Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 5Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 6Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 7Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 8Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Absolute
Maximum
Ratings
At
Ta=25℃
Parameter
LTW-191TL
Unit
Power Dissipation
70
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
20
mA
Derating Linear From 25°C
0.25
mA/°C
Reverse Voltage
5
V
Operating Temperature Range
-20°C to + 80°C
Storage Temperature Range
-55°C to + 105°C
Wave Soldering Condition
260°C For 5 Seconds
Suggest IR Reflow Condition :
R ecom m ended P rofile B e tw een A ss e m b le A n d H eat-R esista nc e L ine
T h e P ro file is a v a ila b le th a t m u st to u s e S n A g
C u
s o ld e r p a s te
Part
No. : LTW-191TL
Page :
2
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com