Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW-191TL Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTW-191TL
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-191TL Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTW-191TL Datasheet HTML 1Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 2Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 3Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 4Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 5Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 6Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 7Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 8Page - Lite-On Technology Corporation LTW-191TL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
Part No.
LTW-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
191TL
250.0
mcd
IF = 20mA
Note 1, 2, 5
Viewing Angle
2θ1/2
191TL
130
deg
Fig.6
x
0.31
Chromaticity Coordinates
y
191TL
0.32
IF = 20mA
Note 3, 5
Fig.1
Forward Voltage
VF
191TL
2.8
3.3
3.8
V
IF = 20mA
Reverse Current
IR
191TL
10
µA
VR = 5V
Note : 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. Iv classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. Tester
PR704 is for the chromaticity coordinates (x, y).
EG&G is for Iv
6. The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance.
Part
No. : LTW-191TL
Page :
3
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com