Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC201 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PRC201
Description  EMI/RFI TAPPED FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRC201 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PRC201 Datasheet HTML 1Page - California Micro Devices Corp PRC201 Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
7/14/2000
1
PRC201/211/221
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
EMI/RFI Tapped Filter
Features
• 8 EMI/RFI protection lines/package
• Stable resistor-capacitor network
• No signal delays
• Saves board space and component cost
• Suitable for PCMCIA interface cards
Product Description
CAMD’s PRC201/211/221 Tapped Filter is designed to
suppress EMI/RFI noise on high speed data lines and at
I/O ports of PCMCIA fax/modem and LAN type cards.
This integrated thin film resistor-capacitor network is
housed in a ultra low profile, surface mount package
suitable for bottom side mounting to the card which
minimizes space and routing problems and improves
reliability.
Why thin film EMI/RFI filters? EMI/RFI filters are needed
to suppress noise at low and high frequencies of the
signal. Ferrite beads used for EMI/RFI filtering are bulky
and ineffective at low frequencies and have saturation
problems at high frequencies. Resistor-capacitor
networks offer the best technical approach for effective
Applications
• EMI/RFI Filter
• Low Pass Filter
C1190600
SCHEMATIC CONFIGURATION
EMI/RFI filtering. Conventional thick film-based EMI/RFI
filters do not effectively suppress noise at high frequen-
cies due to the fact that EMI/RFI filters using thick film
technology have high parasitic inductance which
becomes the dominant component of the capacitor’s
impedance past resonance, and therefore significantly
affects high frequency performance of the filter.
CAMD’s PRC201/211/221 Tapped Filter is fabricated on
a silicon substrate using advanced thin film technology.
These EMI/RFI filters have very low parasitic inductance
and suppress EMI/RFI noise at low and high frequencies
to well above 1000 MHz.
20
19 18
17
16
15
14
13
12 11
12
3
4
5
67
8
9
10
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
C
Rs
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
F
0
5
1
/
0
0
10
2C
I
O
ST
/
M
0
5
1
/
K
0
0
1
1
0
2
C
R
PR
/
M
0
5
1
/
K
0
0
1
1
0
2
C
R
PM
0
5
1
/
K
0
0
1
1
0
2
C
R
P
F
1
0
1
/
0
3
30
2C
I
O
ST
/
M
1
0
1
/
K
0
3
3
1
0
2
C
R
PR
/
M
1
0
1
/
K
0
3
3
1
0
2
C
R
PM
1
0
1
/
K
0
3
3
1
0
2
C
R
P
F
1
5
2
/
0
3
30
2C
I
O
ST
/
M
1
5
2
/
K
0
3
3
1
0
2
C
R
PR
/
M
1
5
2
/
K
0
3
3
1
0
2
C
R
PM
1
5
2
/
K
0
3
3
1
0
2
C
R
P
F
0
7
4
/
0
3
30
2C
I
O
ST
/
M
0
7
4
/
K
0
3
3
1
0
2
C
R
PR
/
M
0
7
4
/
K
0
3
3
1
0
2
C
R
PM
0
7
4
/
K
0
3
3
1
0
2
C
R
P
F
1
2
2
/
0
9
30
2C
I
O
ST
/
M
1
2
2
/
K
0
9
3
1
0
2
C
R
PR
/
M
1
2
2
/
K
0
9
3
1
0
2
C
R
PM
1
2
2
/
K
0
9
3
1
0
2
C
R
P
F
0
7
4
/
0
7
40
2C
I
O
ST
/
M
0
7
4
/
K
0
7
4
1
0
2
C
R
PR
/
M
0
7
4
/
K
0
7
4
1
0
2
C
R
PM
0
7
4
/
K
0
7
4
1
0
2
C
R
P
F
0
0
5
/
0
5
70
2C
I
O
ST
/
M
0
0
5
/
K
0
5
7
1
0
2
C
R
PR
/
M
0
0
5
/
K
0
5
7
1
0
2
C
R
PM
0
0
5
/
K
0
5
7
1
0
2
C
R
P
F
1
0
1
/
1
0
10
2C
I
O
ST
/
M
1
0
1
/
K
1
0
1
1
0
2
C
R
PR
/
M
1
0
1
/
K
1
0
1
1
0
2
C
R
PM
1
0
1
/
K
1
0
1
1
0
2
C
R
P
F
1
5
1
/
1
0
10
2C
I
O
ST
/
M
1
5
1
/
K
1
0
1
1
0
2
C
R
PR
/
M
1
5
1
/
K
1
0
1
1
0
2
C
R
PM
1
5
1
/
K
1
0
1
1
0
2
C
R
P


Similar Part No. - PRC201

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
PRC2010 WILLOW-PRC2010 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
PRC2010HTC10 WILLOW-PRC2010HTC10 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
PRC2010HTC25 WILLOW-PRC2010HTC25 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
PRC2010HTC5 WILLOW-PRC2010HTC5 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
PRC2010HTC50 WILLOW-PRC2010HTC50 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
More results

Similar Description - PRC201

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACT CALMIRCO-PACT Datasheet
62Kb / 3P
P/ACTIVE EMI/RFI T FILTER
PRC207 CALMIRCO-PRC207 Datasheet
30Kb / 2P
CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
logo
Glenair, Inc.
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
Composite EMI/RFI Backshell
logo
PowerDynamics, Inc
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
EMI/RFI Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com