Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACT Datasheet (PDF) - California Micro Devices Corp

PACT Datasheet PDF - California Micro Devices Corp
Part # PACT
Download  PACT Download
File Size   62.66 Kbytes
Page   3 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description P/ACTIVE EMI/RFI T FILTER

PACT Datasheet (PDF)

Go To PDF Page Download Datasheet
PACT Datasheet PDF - California Micro Devices Corp

Part # PACT
Download  PACT Click to download

File Size   62.66 Kbytes
Page   3 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description P/ACTIVE EMI/RFI T FILTER

PACT Datasheet (HTML) - California Micro Devices Corp


PACT Product details

Product Description
CAMD’s P/Active T is a highly integrated thin film resistor-capacitor network designed to suppress EMI/RFI noise at I/O ports of personal computers and peripherals, workstations, Local Area Network (LAN), Asynchronous Transfer Mode (ATM), and Wide Area Network (WAN). The filter includes ESD protection circuitry which prevents device destruction when subjected to ESD discharges of greater than 2KV. The ESD protection circuitry permits the filter to operate on bipolar signals of up to ±6V. CAMD’s PACT is housed in a surface mount package suitable for bottom side mounting to the board. This integrated network solution minimizes space and routing problems and improves reliability and yields.

Features
• 8 Filter Channels in Miniature QSOP Package
• Ideal Frequency Response to Over 3 GHz
• Low In-Band Insertion Loss Maintains Signal Integrity
• Low Distortion Low Cross Talk
• ESD Protected

Applications
• EMI/RFI Filter
• Low Pass Filter
• SCSI Port Filter
• LCD Panel Display Filter




Similar Part No. - PACT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACTF CALMIRCO-PACTF Datasheet
122Kb / 3P
P/ACTIVE EMI/RFITAPPED FILTER
More results


Similar Description - PACT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACTF CALMIRCO-PACTF Datasheet
122Kb / 3P
P/ACTIVE EMI/RFITAPPED FILTER
PRC201 CALMIRCO-PRC201 Datasheet
44Kb / 2P
EMI/RFI TAPPED FILTER
PRC207 CALMIRCO-PRC207 Datasheet
30Kb / 2P
CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
logo
Powerbox
QPI-3L POWERBOX-QPI-3L Datasheet
1Mb / 1P
ACTIVE EMI FILTER
logo
PowerDynamics, Inc
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
EMI/RFI Backshell
logo
Vicor Corporation
QPI-8 VICOR-QPI-8 Datasheet
1Mb / 17P
AdvancedTCA??Hot-Swap with Active EMI Filter
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com