Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACT Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACT
Description  P/ACTIVE EMI/RFI T FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACT Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACT Datasheet HTML 1Page - California Micro Devices Corp PACT Datasheet HTML 2Page - California Micro Devices Corp PACT Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
1/17/2001
1
PACT
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
P/ACTIVE EMI/RFI T FILTER
Features
• 8 Filter Channels in Miniature QSOP Package
• Ideal Frequency Response to Over 3 GHz
• Low In-Band Insertion Loss Maintains Signal
Integrity
• Low Distortion Low Cross Talk
• ESD Protected
Applications
• EMI/RFI Filter
• Low Pass Filter
• SCSI Port Filter
• LCD Panel Display Filter
Product Description
Note: CAMD’s P/Active T Filter is a higher performance, upgraded version of the original PRC200/210 series which provides 2KV ESD
protection, minimized lead inductance and parasitic capacitive effects (with added ground pins), and improved crosstalk and filter
performance characteristics at high data transmission rates. They exhibit almost ideal RC characteristics to 3 GHz. The PACT series
is recommended for all new designs.
CAMD’s P/Active T is a highly integrated thin film resistor-capacitor network designed to suppress EMI/RFI noise at
I/O ports of personal computers and peripherals, workstations, Local Area Network (LAN), Asynchronous Transfer
Mode (ATM), and Wide Area Network (WAN). The filter includes ESD protection circuitry which prevents device
destruction when subjected to ESD discharges of greater than 2KV. The ESD protection circuitry permits the filter to
operate on bipolar signals of up to ±6V. CAMD’s PACT is housed in a surface mount package suitable for bottom side
mounting to the board. This integrated network solution minimizes space and routing problems and improves reliability
and yields.
Why P/Active EMI/RFI filters? EMI/RFI filters are needed to suppress noise at low and high frequencies of the signal.
Ferrite beads, commonly used for EMI/RFI filtering, are bulky and ineffective at low frequencies and have saturation
problems at high frequencies. Resistor-capacitor networks offer the best technical approach for effective EMI/RFI
filtering. Also, conventional thick film-based EMI/RFI filters do not effectively suppress noise at high frequencies.
Pin Assignments
SCHEMATIC CONFIGURATION
C1100600
12
24
23
3
22
5
20
6
19
7
18
4
21
8
17
9
16
10
15
11
14
12
13
STANDARD SPECIFICATIONS
Absolute Tolerance (R)
±10%
Absolute Tolerance (C)
±10%
Absolute Tolerance (C=15pF)
±10%
Operating Temperature Range
0
˚C to 70˚C
Power Rating/Resistor
100mW
Leakage Current
1µA @ 25
˚C MAX
Crosstalk (see Text Circuit)
< 5% (typical)
ESD Clamp
Positive Clamp
> 6V
Negative Clamp
< –6V
ESD Protection
> 2KV
Storage Temperature
–60
˚C to 150˚C
Package Power Rating
1.00W, MAX
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
Filt1
Filt2
Filt3
GND
Filt4
Filt5
GND
Filt6
Filt7
Filt8
GND
GND
Filt1
Filt2
Filt3
GND
Filt4
Filt5
GND
Filt6
Filt7
Filt8
GND


Similar Part No. - PACT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACTF CALMIRCO-PACTF Datasheet
122Kb / 3P
P/ACTIVE EMI/RFITAPPED FILTER
More results

Similar Description - PACT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACTF CALMIRCO-PACTF Datasheet
122Kb / 3P
P/ACTIVE EMI/RFITAPPED FILTER
PRC201 CALMIRCO-PRC201 Datasheet
44Kb / 2P
EMI/RFI TAPPED FILTER
PRC207 CALMIRCO-PRC207 Datasheet
30Kb / 2P
CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
logo
Powerbox
QPI-3L POWERBOX-QPI-3L Datasheet
1Mb / 1P
ACTIVE EMI FILTER
logo
PowerDynamics, Inc
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
EMI/RFI Backshell
logo
Vicor Corporation
QPI-8 VICOR-QPI-8 Datasheet
1Mb / 17P
AdvancedTCA??Hot-Swap with Active EMI Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com