Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACT Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACT
Description  P/ACTIVE EMI/RFI T FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACT Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACT Datasheet HTML 1Page - California Micro Devices Corp PACT Datasheet HTML 2Page - California Micro Devices Corp PACT Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2000 California Micro Devices Corp. All rights reserved.
1/17/2001
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
PACT
CALIFORNIA MICRO DEVICES
* Also available in 300 mil wide SOIC package. Contact your local CAMD Sales Representative or the factory for availability.
‡ with 0 source impedance
Filter Cross Talk Test Circuit (TA = 25°C)
Pulse Generator
5V, 10MHz, > 1nS
Rise/Fall Time
V = Victim Voltage
V
50
50
STANDARD PART ORDERING INFORMATION
Package
Ordering Part Number
RC Code
Pins
Style*
Tubes
Tape & Reel
Part Marking
100/150T
24
QSOP
PAC100/150TQ/T
PAC100/150Q/R
PAC100/150TQ
100/101T
24
QSOP
PAC100/101TQ/T
PAC100/101TQ/R
PAC100/101TQ
150/470T
24
QSOP
PAC150/470TQ/T
PAC150/470TQ/R
PAC150/470TQ
250/101T
24
QSOP
PAC250/101TQ/T
PAC250/101TQ/R
PAC250/101TQ
250/201T
24
QSOP
PAC250/201TQ/T
PAC250/201TQ/R
PAC250/201TQ
330/470T
24
QSOP
PAC330/470TQ/T
PAC330/470TQ/R
PAC330/470TQ
330/101T
24
QSOP
PAC330/101TQ/T
PAC330/101TQ/R
PAC330/101TQ
330/221T
24
QSOP
PAC330/221TQ/T
PAC330/221TQ/R
PAC330/221TQ
390/500T
24
QSOP
PAC390/500TQ/T
PAC390/500TQ/R
PAC390/500TQ
390/221T
24
QSOP
PAC390/221TQ/T
PAC390/ 221TQ/R
PAC390/221TQ
470/330T
24
QSOP
PAC470/330TQ/T
PAC470/330TQ/R
PAC470/330TQ
470/470T
24
QSOP
PAC470/470TQ/T
PAC470/470TQ/R
PAC470/470TQ
101/101T
24
QSOP
PAC101/101TQ/T
PAC101/101TQ/R
PAC101/101TQ
STANDARD VALUES
R(W)
C(pF)
RC Code
fc @ 3db‡
10
15
100/150T
1063MHz
100
100/101T
160MHz
15
47
150/470T
226MHz
25
100
250/101T
64MHz
200
250/201T
32MHz
33
47
330/470T
103MHz
100
330/101T
27MHz
220
330/221T
22MHz
39
50
390/500T
82MHz
220
390/221T
19MHz
47
33
470/330T
103MHz
47
470/470T
72MHz
100
100
101/101T
16MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com