Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS32 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 74LS32
Description  8-BIT SHIFT REGISTERS WITH SIGN EXTEND
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS32 Datasheet(HTML) 4 Page - Motorola, Inc

  74LS32 Datasheet HTML 1Page - Motorola, Inc 74LS32 Datasheet HTML 2Page - Motorola, Inc 74LS32 Datasheet HTML 3Page - Motorola, Inc 74LS32 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5-4
FAST AND LS TTL DATA
SN54/74LS322A
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
25
35
MHz
CL = 15 pF
tPHL
tPLH
Propagation Delay, Clock
to QH′
26
22
35
33
ns
CL = 15 pF
tPHL
Propagation Delay, Clear
to QH′
27
35
ns
L = 15 pF
tPHL
tPLH
Propagation Delay, Clock
to QA– QH
22
16
33
25
ns
CL = 45 pF,
RL = 667 Ω
tPHL
Propagation Delay, Clear
to QA– QH
22
35
ns
CL = 45 pF,
RL = 667 Ω
tPZH
tPZL
Output Enable Time
15
15
35
35
ns
tPHZ
tPLZ
Output Disable Time
15
15
25
25
ns
CL = 5.0 pF
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width HIGH
25
ns
VCC = 5.0 V
tW
Clock Pulse Width LOW
15
ns
VCC = 5.0 V
tW
Clear Pulse Width LOW
20
ns
VCC = 5.0 V
ts
Data Setup Time
20
ns
VCC = 5.0 V
ts
Select Setup Time
15
ns
VCC = 5.0 V
th
Data Hold Time
0
ns
th
Select Hold Time
10
ns
trec
Recovery Time
20
ns
DEFINITIONS OF TERMS
SETUP TIME (ts) — is defined as the minimum time required
for the correct logic level to be present at the logic input prior to
the clock transition from LOW-to-HIGH in order to be recog-
nized and transferred to the outputs.
HOLD TIME (th) — is defined as the minimum time following
the clock transition from LOW-to-HIGH that the logic level
must be maintained at the input in order to ensure continued
recognition. A negative HOLD TIME indicates that the correct
logic level may be released prior to the clock transition from
LOW-to-HIGH and still be recognized.
RECOVERY TIME (trec) — is defined as the minimum time
required between the end of the reset pulse and the clock
transition from LOW-to-HIGH in order to recognize and
transfer HIGH Data to the Q outputs.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com