Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS32 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS32
Description  8-BIT SHIFT REGISTERS WITH SIGN EXTEND
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS32 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS32 Datasheet HTML 1Page - Motorola, Inc 74LS32 Datasheet HTML 2Page - Motorola, Inc 74LS32 Datasheet HTML 3Page - Motorola, Inc 74LS32 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-1
FAST AND LS TTL DATA
8-BIT SHIFT REGISTERS
WITH SIGN EXTEND
These 8-bit shift registers have multiplexed input/output data ports to
accomplish full 8-bit data handling in a single 20-pin package. Serial data may
enter the shift-right register through either D0 or D1 inputs as selected by the
data select pin. A serial output is also provided. Synchronous parallel loading
is achieved by taking the register enable and the S / P inputs low. This places
the three-state input / output ports in the data input mode. Data is entered on
the low-to-high clock transition. The data extend function repeats the sign in
the QA flip-flop during shifting. An overriding clear input clears the internal
registers when taken low whether the outputs are enabled or off. The output
enable does not affect synchronous operation of the register.
• Multiplexed Inputs/Outputs Provide Improved Bit Density
• Sign Extend Function
• Direct Overriding Clear
• 3-State Outputs Drive Bus Lines Directly
VCC
DATA
SELECT
SIGN
EXTEND D1
B/QB D/QD F/QF H/QH
Q/H CLOCK
D0
A/QA C/QC E/QE G/QG
S/P
REGISTER
ENABLE
OUTPUT
ENABLE
CLEAR GND
(TOP VIEW)
18
17
16
15
14
13
1
2
3
4
5
6
7
20
19
8
9
10
12
11
DS
SE
D1
B/QB D/QD F/QF H/GH Q/H
G
CK
S/P
D0
A/QA C/QC
E/QE G/QG OE
CLR
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
QH′
54, 74
– 0.4
mA
IOL
Output Current — Low
QH′
QH′
54
74
4.0
8.0
mA
IOH
Output Current — High
QA– QH
QA– QH
54
74
– 1.0
– 2.6
mA
IOL
Output Current — Low
QA– QH
QA– QH
54
74
12
24
mA
SN54/74LS322A
8-BIT SHIFT REGISTERS
WITH SIGN EXTEND
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
20
1
J SUFFIX
CERAMIC
CASE 732-03
20
1
N SUFFIX
PLASTIC
CASE 738-03
20
1
DW SUFFIX
SOIC
CASE 751D-03


Similar Part No. - 74LS32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS32 MOTOROLA-74LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
National Semiconductor ...
74LS32 NSC-74LS32 Datasheet
120Kb / 6P
Quad 2-Input OR Gates
logo
ON Semiconductor
74LS32 ONSEMI-74LS32 Datasheet
78Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS32 TI-74LS32 Datasheet
674Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
74LS32 TI-74LS32 Datasheet
226Kb / 6P
CRYSTAL-CONTROLLED OSCILLATORS
More results

Similar Description - 74LS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594_07 Datasheet
561Kb / 18P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74LS322A TI1-SN74LS322A Datasheet
235Kb / 6P
8-BIT SHIFT REGISTERS WITH SIGN EXTEND
SN74HC594DR TI1-SN74HC594DR Datasheet
946Kb / 18P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
8-Bit Shift Registers With Output Registers
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com