Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLP200 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # WLP200
Description  WAFER LEVEL PACKAGE EVALUATION RC FILTER NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

WLP200 Datasheet(HTML) 2 Page - California Micro Devices Corp

  WLP200 Datasheet HTML 1Page - California Micro Devices Corp WLP200 Datasheet HTML 2Page - California Micro Devices Corp WLP200 Datasheet HTML 3Page - California Micro Devices Corp WLP200 Datasheet HTML 4Page - California Micro Devices Corp WLP200 Datasheet HTML 5Page - California Micro Devices Corp WLP200 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2000 California Micro Devices Corp. All rights reserved.
11/10/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
WLP200
CALIFORNIA MICRO DEVICES
Figure 2. WLP200 Package Diagram (View of the Bump side)
S
E
U
L
A
V
D
R
A
D
N
A
T
S
R
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
0
1
±
C
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
0
2
±
s
r
o
t
s
i
s
e
R
f
o
R
C
Tm
p
p
0
0
1
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
8
o
t
C
°
0
4
–
V
6
±
@
t
n
e
r
r
u
C
e
g
a
k
a
e
LA
µ
1
<
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
PW
m
0
0
1
1
0
-
0
0
2
P
L
W
F
O
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
A
C
I
R
T
C
E
L
E
r
e
t
l
i
Fe
p
y
T
r
e
t
l
i
Fn
i
P
t
u
p
n
In
i
P
t
u
p
t
u
O(
R
Ω
Ω
Ω
Ω
Ω))
F
p
(
C)
1
e
t
o
N
(
c
F)
2
e
t
o
N
(
c
F
1
#F
T1
C1
B0
55
3
1z
H
M
6
.
3
2z
H
M
0
.
6
3
2
#T
1
D1
A0
55
3
1z
H
M
6
.
3
2z
H
M
6
.
3
2
3
#F
T2
D2
A0
95
3
1z
H
M
1
.
3
1z
H
M
8
.
2
3
4
#T
3
D3
A0
95
3
1z
H
M
1
.
3
1z
H
M
5
.
8
1
5
#T
4
D4
A0
75
3
1z
H
M
8
.
6
1z
H
M
6
.
1
2
6
#F
T5
D5
A0
75
3
1z
H
M
8
.
6
1z
H
M
1
.
4
3
2
0
-
0
0
2
P
L
W
F
O
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
L
A
C
I
R
T
C
E
L
E
r
e
t
l
i
Fe
p
y
T
r
e
t
l
i
Fn
i
P
t
u
p
n
In
i
P
t
u
p
t
u
O(
R
Ω
Ω
Ω
Ω
Ω))
F
p
(
C)
1
e
t
o
N
(
c
F)
2
e
t
o
N
(
c
F
1
#F
T1
C1
B0
50
9
1z
H
M
7
.
6
1z
H
M
7
.
5
2
2
#T
1
D1
A0
50
9
1z
H
M
7
.
6
1z
H
M
0
.
8
1
3
#F
T2
D2
A0
90
9
1z
H
M
0
3
.
9z
H
M
2
.
3
2
4
#T
3
D3
A0
90
9
1z
H
M
0
3
.
9z
H
M
2
.
3
1
5
#T
4
D4
A0
70
9
1z
H
M
0
.
2
1z
H
M
3
.
5
1
6
#F
T5
D5
A0
70
9
1z
H
M
0
.
2
1z
H
M
4
.
4
2
* Note 1: Calculated with zero Source impedance and infinite Load impedance.
* Note 2: Calculated with 50
Ω Source impedance and 50Ω Load impedance.
1
A
B
C
D
234
5
1.936mm
0.635mm
0.5
mm
0.5mm
0.860mm
0.218
mm
0.3mm Dia.
Bumps
0.269
mm
2.538mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com