Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLP200 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # WLP200
Description  WAFER LEVEL PACKAGE EVALUATION RC FILTER NETWORK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

WLP200 Datasheet(HTML) 3 Page - California Micro Devices Corp

  WLP200 Datasheet HTML 1Page - California Micro Devices Corp WLP200 Datasheet HTML 2Page - California Micro Devices Corp WLP200 Datasheet HTML 3Page - California Micro Devices Corp WLP200 Datasheet HTML 4Page - California Micro Devices Corp WLP200 Datasheet HTML 5Page - California Micro Devices Corp WLP200 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
11/10/2000
3
WLP200
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Note 1: Human Body Model per MIL-STD-883, Method 3015
C
Discharge = 100pF, RDischarge = 1.5KΩ, pins B2, C2, B3, C3, B4, C4, B5, C5 are at ground.
ESD Contact Discharge from pins B1, A1, A2, A3, A4 and A5 one at a time.
Note 2: Pins B2, C2, B3, C3, B4, C4, B5, C5 are grounded. ESD Contact Discharge between
pins B1, A1, A2, A3, A4 and A5 and ground one at a time.
Note 3: Standard IEC 1000-4-2 with C
Discharge = 150pF, RDischarge = 330Ω, pins B2, C2, B3, C3, B4, C4, B5, C5 are at ground.
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
S
E
)
n
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G
(
n
o
i
t
c
e
t
o
r
P
D
S
E
N
I
MX
A
M
)
1
e
t
o
N
(
5
1
0
3
d
o
h
t
e
M
,
l
e
d
o
M
y
d
o
B
n
a
m
u
H
,
O
/
I
y
n
a
t
a
e
g
a
t
l
o
V
e
g
r
a
h
c
s
i
D
k
a
e
P
V
K
5
1
–
V
K
5
1
)
3
&
2
e
t
o
N
(
4
l
e
v
e
L
,
2
-
4
-
0
0
0
1
C
E
I
,
n
o
i
t
c
e
t
o
r
P
m
e
t
s
y
S
n
I
V
K
8
–
V
K
8
)
2
&
1
s
e
t
o
N
(
l
e
d
o
M
y
d
o
B
n
a
m
u
H
,
s
e
s
l
u
P
D
S
E
V
K
8
@
e
g
a
t
l
o
V
p
m
a
l
C
l
e
n
n
a
h
C
V
0
3
–
V
0
3
S
N
O
I
T
A
D
N
E
M
M
O
C
E
R
D
R
A
O
B
T
I
U
C
R
I
C
D
E
T
N
I
R
P
B
C
P
n
o
e
z
i
S
d
a
Pm
m
5
7
2
.
0
e
p
a
h
S
d
a
Pd
n
u
o
R
n
o
i
t
i
n
i
f
e
D
d
a
P
)
D
M
S
N
(
s
d
a
P
d
e
n
i
f
e
D
k
s
a
M
r
e
d
l
o
S
n
o
N
g
n
i
n
e
p
O
k
s
a
M
r
e
d
l
o
Sm
m
5
2
3
.
0
s
s
e
n
k
c
i
h
T
l
i
c
n
e
t
S
r
e
d
l
o
Sm
m
2
5
1
.
0
g
n
i
n
e
p
O
e
r
u
t
r
e
p
A
l
i
c
n
e
t
S
r
e
d
l
o
S)
.
q
s
(
m
m
3
3
.
0
o
i
t
a
R
x
u
l
F
r
e
d
l
o
S0
5
/
0
5
e
t
s
a
P
r
e
d
l
o
S
n
a
e
l
C
o
N
h
s
i
n
i
F
e
c
a
r
T
d
n
o
B
)
A
6
0
1
s
u
l
P
u
C
k
e
t
n
E
(
P
S
O
250
225
200
175
150
125
100
75
50
25
0
48
97
145
Time (s)
194
242
290
339
387
435
EXH
RF
Z5
Z4
EXH
PH
Z2
Z3
CD
Typical Solder Reflow Thermal Profile (No Clean Flux)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com