Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N166 Datasheet(PDF) 1 Page - Calogic, LLC

Part # 3N166
Description  Monolithic Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N166 Datasheet(HTML) 1 Page - Calogic, LLC

  3N166 Datasheet HTML 1Page - Calogic, LLC 3N166 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Monolithic Dual P-Channel
Enhancement Mode MOSFET
General Purpose Amplifier
3N165 / 3N166
FEATURES
•• Very High Impedance
•• High Gate Breakdown
•• Low Capacitance
ABSOLUTE MAXIMUM RATINGS (Note 1)
(TA = 25
oC unless otherwise specified)
Drain-Source or Drain-Gate Voltage (Note 2)
3N165. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
3N166. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Transient Gate-Source Voltage (Note 3) . . . . . . . . . . . . .
±125
Gate-Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±80V
Drain Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature . . . . . . . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature . . . . . . . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation
One Side . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
Both Sides . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 525mW
Total Derating above 25
oC. . . . . . . . . . . . . . . . . . 4.2mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
3N165-66
Hermetic TO-99
-55
oC to +150oC
X3N165-66
Sorted Chips in Carriers
-55
oC to +150oC
CORPORATION
G1
D2
D1
G2
C
TO-99
S
2506
PIN CONFIGURATION
DEVICE SCHEMATIC
5
1
3
4
8
7
0190
ELECTRICAL CHARACTERISTICS (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
IGSSR
Gate Reverse Leakage Current
10
pA
VGS = 40V
IGSSF
Gate Forward Leakage Current
-10
VGS = -40V
-25
TA = +125
oC
IDSS
Drain to Source Leakage Current
-200
VDS = -20V
ISDS
Source to Drain Leakage Current
-400
VSD = -20V, VDB = 0
ID(on)
On Drain Current
-5
-30
mA
VDS = -15V, VGS = -10V
VGS(th)
Gate Source Threshold Voltage
-2
-5
V
VDS = -15V, ID = -10
µA
VGS(th)
Gate Source Threshold Voltage
-2
-5
VDS = VGS, ID = -10
µA
rDS(on)
Drain Source ON Resistance
300
ohms
VGS = -20V, ID = -100
µA
BOTTOM VIEW
S
C
0180
D
2
G
2
G
1
D
1


Similar Part No. - 3N166

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N166 LINEAR-3N166 Datasheet
19Kb / 2P
MONOLITHIC DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Intersil Corporation
3N166 INTERSIL-3N166 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N166 NJSEMI-3N166 Datasheet
123Kb / 1P
(SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
logo
Micross Components
3N166 MICROSS-3N166 Datasheet
365Kb / 1P
a monolithic dual enhancement mode P-Channel Mosfet
logo
Calogic, LLC
3N166 CALOGIC-3N166 Datasheet
37Kb / 2P
Monolithic Dual P-Channel
More results

Similar Description - 3N166

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
3N190 CALOGIC-3N190 Datasheet
27Kb / 2P
Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier
logo
Linear Integrated Syste...
3N165-6 LINEAR-3N165-6 Datasheet
19Kb / 2P
MONOLITHIC DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Calogic, LLC
3N163 CALOGIC-3N163 Datasheet
28Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
Micross Components
3N165_TO-78 MICROSS-3N165_TO-78 Datasheet
366Kb / 1P
a monolithic dual enhancement mode P-Channel Mosfet
3N166_TO-78 MICROSS-3N166_TO-78 Datasheet
365Kb / 1P
a monolithic dual enhancement mode P-Channel Mosfet
3N190_TO-78 MICROSS-3N190_TO-78 Datasheet
295Kb / 1P
a monolithic dual enhancement mode P-Channel Mosfet
3N165 MICROSS-3N165 Datasheet
366Kb / 1P
a monolithic dual enhancement mode P-Channel Mosfet
3N166 MICROSS-3N166 Datasheet
365Kb / 1P
a monolithic dual enhancement mode P-Channel Mosfet
LS3N191 MICROSS-LS3N191 Datasheet
295Kb / 1P
a monolithic dual enhancement mode P-Channel Mosfet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com