Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N166 Datasheet(PDF) 2 Page - Calogic, LLC

Part # 3N166
Description  Monolithic Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N166 Datasheet(HTML) 2 Page - Calogic, LLC

  3N166 Datasheet HTML 1Page - Calogic, LLC 3N166 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
gfs
Forward Transconductance
1500
3000
µSVDS = -15V, ID = -10mA, f = 1kHz
gos
Output Admittance
300
Ciss
Input Capacitance
3.0
pF
VDS = -15V, ID = -10mA, f = 1MHz (Note 4)
Crss
Reverse Transfer Capacitance
0.7
Coss
Output Capacitance
3.0
RE(Yfs)
Common Source Forward Transconductance
1200
µs
VDS = -15V, ID = -10mA, f = 100MHz (Note 4)
3N165 / 3N166
CORPORATION
MATCHING CHARACTERISTICS
3N165
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
Yfs1 / Yfs2
Forward Transconductance Ratio
0.90
1.0
VDS = -15V, ID = -500
µA, f = 1kHz
VGS1-2
Gate Source Threshold Voltage Differential
100
mV
VDS = -15V, ID = -500
µA
∆VGS1−2
∆T
Gate Source Threshold Voltage Differential
Change with Temperature
100
µV/oC
VDS = -15V, IA = -500
µA
TA = -55
oC to +25oC
NOTES: 1. See handling precautions on 3N170 data sheet.
2. Per transistor.
3. Devices must not be tested at
±125V more than once, nor longer than 300ms.
4. For design reference only, not 100% tested.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com