Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL1431LP Datasheet(PDF) 3 Page - Calogic, LLC

Part # CL1431LP
Description  Precision Adjustable Shunt Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL1431LP Datasheet(HTML) 3 Page - Calogic, LLC

  CL1431LP Datasheet HTML 1Page - Calogic, LLC CL1431LP Datasheet HTML 2Page - Calogic, LLC CL1431LP Datasheet HTML 3Page - Calogic, LLC CL1431LP Datasheet HTML 4Page - Calogic, LLC CL1431LP Datasheet HTML 5Page - Calogic, LLC CL1431LP Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CL1431
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranteed over full junction temperature range (-55 to 125
oC). Ambient temperature must be derated based on
power dissipation and package thermal characteristics. The conditions are: VKA = VREF and IK = 10mA unless otherwise stated.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CIRCUIT
TEST CONDITION
VREF
Reference Voltage
2.490
2.500
2.510
V
1
TA = 25
oC
2.470
2.530
V
1
Over Temp.
TC
VREF with Temp.*
0.06
0.16
mV/
oC1
V REF
Ratio of Change in VREF to
Cathode Voltage
-2
-1.1
mV/V
2
VK = 3V to 36V
IREF
Reference Input Current
0.7
1.9
µA2
R1 = 10k; R2 =
I REF
IREF Temp Deviation
0.4
1.2
µA
2
Over Temp.
IK(MIN)
Min IK for Regulation
0.4
1
mA
1
IK(OFF)
Off State Leakage
0.04
250
nA
3
VREF = 0V, VKA = 36V
ZKA
Dynamic Output Impedance
0.15
0.2
Ω
1f
≤ 1kHz, IK = 1 to 100mA
–55
TEMPERATURE (˚C)
0.06 mV/˚C
0.002 %/˚C
24 ppm/˚C
0.5
5000
0
00
–10
1J-24
–25
0
25
50
75
100 125
–20
∆T
∆V
REF
• TC in mV/oC = ∆
VREF
(mV)
∆TA
• TC in %/oC =
∆VREF
VREF at 25
oC
x 100
∆TA
• TC in ppm/oC =
∆VREF
VREF at 25
oC
x 10
6
∆TA
*CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
TEST CIRCUITS
IN
V
KA
V
K
I
1G-38
REF
I
REF
= V
REF
I
IN
V
KA
V
2
R
1
R
REF
(V
)
K
I
1G-39
IN
V
KA
V
K(OFF)
I
1G-40
TEST CIRCUIT 1
TEST CIRCUIT 2
TEST CIRCUIT 3
CORPORATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com