Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL1431LP Datasheet(PDF) 1 Page - Calogic, LLC

Part # CL1431LP
Description  Precision Adjustable Shunt Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL1431LP Datasheet(HTML) 1 Page - Calogic, LLC

  CL1431LP Datasheet HTML 1Page - Calogic, LLC CL1431LP Datasheet HTML 2Page - Calogic, LLC CL1431LP Datasheet HTML 3Page - Calogic, LLC CL1431LP Datasheet HTML 4Page - Calogic, LLC CL1431LP Datasheet HTML 5Page - Calogic, LLC CL1431LP Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Precision Adjustable
Shunt Reference
CL1431
FEATURES
•• Temperature-Compensated: 30ppm/oC
•• Trimmed 0.4% Bandgap Reference
•• Internal Amplifier with 150mA Capability
•• Temperature Range: Extended to -55 to 125oC
•• Low Frequency Dynamic Output Impedance: < 150m
•• Low Output Noise
•• Robust ESD Protection
DESCRIPTION
ORDERING INFORMATION
Part
Package
Temperature Range
CL1431LP
TO-92
-55 to 125
oC
CL1431D
8-Pin Plastic SOIC
-55 to 125
oC
CL1431S
SOT-89
-55 to 125
oC
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CATHODE
ANODE
REFERENCE
TO-92 (LP)
1G-33
SOIC (D)
8
7
6
5
1
2
3
4
REFERENCE
ANODE
ANODE
N/C
CATHODE
ANODE
ANODE
N/C
1G-34
1G-35
CATHODE
ANODE
REFERENCE
SOT-89 (S)
PIN CONFIGURATION (Top View)
The CL1431 is an adjustable shunt regulator designed to act
as an open-loop error amplifier with a 2.5V temperature
compensated reference. Its highly accurate 0.4% bandgap
reference is perfect for applications requiring stability and
accuracy over temperature and life.
Sharp
turn-on
characteristics
and
a
low
temperature
coefficient make the CL1431 an excellent replacement for
many zener diode applications, programmable to any value
greater than 2.5V and up to 36V by using two external
resistors. As a combination error amplifier and reference, it
can be used to manage control loops such as switching power
supplies.
The CL1431 can be used as a direct replacement for the
standard TL431.


Similar Part No. - CL1431LP

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CL1430 CLIFF-CL1430 Datasheet
328Kb / 2P
JACK SOCKET NUTS AND BEZELS
CL1432 CLIFF-CL1432 Datasheet
328Kb / 2P
JACK SOCKET NUTS AND BEZELS
More results

Similar Description - CL1431LP

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com