Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6569 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6569
Description  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569 Datasheet(HTML) 1 Page - STMicroelectronics

  L6569 Datasheet HTML 1Page - STMicroelectronics L6569 Datasheet HTML 2Page - STMicroelectronics L6569 Datasheet HTML 3Page - STMicroelectronics L6569 Datasheet HTML 4Page - STMicroelectronics L6569 Datasheet HTML 5Page - STMicroelectronics L6569 Datasheet HTML 6Page - STMicroelectronics L6569 Datasheet HTML 7Page - STMicroelectronics L6569 Datasheet HTML 8Page - STMicroelectronics L6569 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L6569
L6569A
June 2000
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
HIGH VOLTAGE RAIL UP TO 600V
s
BCD OFF LINE TECHNOLOGY
s
INTERNAL BOOTSTRAP DIODE
STRUCTURE
s
15.6V ZENER CLAMP ON VS
s
DRIVER CURRENT CAPABILITY:
- SINK CURRENT = 270mA
- SOURCE CURRENT = 170mA
s
VERY LOW START UP CURRENT: 150
µA
s
UNDER VOLTAGE LOCKOUT WITH
HYSTERESIS
s
PROGRAMMABLE OSCILLATOR
FREQUENCY
s
DEAD TIME 1.25
µs
s
dV/dt IMMUNITY UP TO ±50V/ns
s
ESD PROTECTION
DESCRIPTION
The device is a high voltage half bridge driver with
built in oscillator. The frequency of the oscillator can
be programmed using external resistor and capaci-
tor. The internal circuitry of the device allows it to be
driven also by external logic signal.
The output drivers are designed to drive external n-
channel power MOSFET and IGBT. The internal log-
ic assures a dead time [typ. 1.25
µs] to avoid cross-
conduction of the power devices.
Two version are available: L6569 and L6569A. They
differ in the low voltage gate driver start up sequence.
Minidip
SO8
ORDERING NUMBERS:
L6569
L6569D
L6569A
L6569AD
HIGH VOLTAGE HALF BRIDGE
DRIVER WITH OSCILLATOR
BLOCK DIAGRAM
RF
CF
LOGIC
BIAS
REGULATOR
COMP
COMP
LEVEL
SHIFTER
BUFFER
RF
CF
GND
HIGH
SIDE
DRIVER
LOW SIDE
DRIVER
HVG
LVG
OUT
BOOT
VS
RHV
CVS
CBOOT
H.V.
LOAD
D94IN058D
CHARGE
PUMP
Source
18
7
6
5
4
3
2
VS
VS


Similar Part No. - L6569

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6569 STMICROELECTRONICS-L6569 Datasheet
110Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6569 STMICROELECTRONICS-L6569 Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6569 STMICROELECTRONICS-L6569 Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6569A STMICROELECTRONICS-L6569A Datasheet
110Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6569A STMICROELECTRONICS-L6569A Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
More results

Similar Description - L6569

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6569 STMICROELECTRONICS-L6569 Datasheet
110Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Sep-2000
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_09 Datasheet
203Kb / 21P
High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
logo
STMicroelectronics
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
L6571BD013TR STMICROELECTRONICS-L6571BD013TR Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
logo
ON Semiconductor
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com