Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6571 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6571
Description  High voltage half bridge driver with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6571 Datasheet(HTML) 1 Page - STMicroelectronics

  L6571 Datasheet HTML 1Page - STMicroelectronics L6571 Datasheet HTML 2Page - STMicroelectronics L6571 Datasheet HTML 3Page - STMicroelectronics L6571 Datasheet HTML 4Page - STMicroelectronics L6571 Datasheet HTML 5Page - STMicroelectronics L6571 Datasheet HTML 6Page - STMicroelectronics L6571 Datasheet HTML 7Page - STMicroelectronics L6571 Datasheet HTML 8Page - STMicroelectronics L6571 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2010
Doc ID 4946 Rev 6
1/12
12
L6571
High voltage half bridge driver with oscillator
Features
High voltage rail up to 600 V
BCD off line technology
15.6 V Zener clamp on Vs
Driver current capability:
– Sink current = 270 mA
– Source current = 170 mA
Very low start up current: 150 mA
Undervoltage lockout with hysteresis
Programmable oscillator frequency
Dead time 1.25 μs (L6571A) or 0.72 μs
(L6571B)
dV/dt immunity up to ±50 V/ns
ESD protection
Description
The device is a high voltage half bridge driver with
built in oscillator. The frequency of the oscillator
can be programmed using external resistor and
capacitor.
The internal circuitry of the device allows it to be
driven also by external logic signal.
The output drivers are designed to drive external
nchannel power MOSFET and IGBT. The internal
logic assures a dead time to avoid cross-
conduction of the power devices.
Two version are available: L6571A and L6571B.
They differ in the internal dead time: 1.25
μs and
0.72
μs (typ.)
DIP-8
SO8
Figure 1.
Block diagram
www.st.com


Similar Part No. - L6571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6571 STMICROELECTRONICS-L6571 Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571A STMICROELECTRONICS-L6571A Datasheet
132Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Sep-2000
L6571A STMICROELECTRONICS-L6571A Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
L6571AD STMICROELECTRONICS-L6571AD Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
More results

Similar Description - L6571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6569 STMICROELECTRONICS-L6569 Datasheet
110Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Sep-2000
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_09 Datasheet
203Kb / 21P
High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
logo
STMicroelectronics
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571BD013TR STMICROELECTRONICS-L6571BD013TR Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
logo
ON Semiconductor
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com