Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS348 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 74LS348
Description  8-INPUT PRIORITY ENCODERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS348 Datasheet(HTML) 4 Page - Motorola, Inc

  74LS348 Datasheet HTML 1Page - Motorola, Inc 74LS348 Datasheet HTML 2Page - Motorola, Inc 74LS348 Datasheet HTML 3Page - Motorola, Inc 74LS348 Datasheet HTML 4Page - Motorola, Inc 74LS348 Datasheet HTML 5Page - Motorola, Inc 74LS348 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-502
FAST AND LS TTL DATA
SN54/74LS348
• SN54/74LS848
AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C)
Symbol
From
(Input)
To
(Output)
Waveform
LS348
Limits
LS848
Limits
Unit
Test Conditions
Symbol
From
(Input)
To
(Output)
Waveform
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
tPLH
1 thru 7
A0, A1 or A2
In-Phase
11
17
12
18
ns
CL = 45 pF
RL = 667 Ω
tPHL
1 thru 7
A0, A1 or A2
output
20
30
20
30
ns
CL = 45 pF
RL = 667 Ω
tPLH
1 thru 7
A0, A1 or A2
Out-of-Phase
23
35
23
35
ns
CL = 45 pF
RL = 667 Ω
tPHL
1 thru 7
A0, A1 or A2
output
23
35
23
35
ns
CL = 45 pF
RL = 667 Ω
tPZH
EI
A0, A1 or A2
25
39
25
39
ns
tPZL
EI
A0, A1 or A2
24
41
24
41
ns
tPLH
0 thru 7
E0
Out-of-Phase
11
18
11
18
ns
CL = 15 pF
RL = 2.0 Ω
tPHL
0 thru 7
E0
output
26
40
26
40
ns
CL = 15 pF
RL = 2.0 Ω
tPLH
0 thru 7
GS
In-Phase
38
55
38
55
ns
CL = 15 pF
RL = 2.0 Ω
tPHL
0 thru 7
GS
output
9.0
21
9.0
21
ns
CL = 15 pF
RL = 2.0 Ω
tPLH
EI
GS
In-Phase
11
17
11
17
ns
CL = 15 pF
RL = 2.0 Ω
tPHL
EI
GS
output
14
36
14
36
ns
tPLH
EI
EO
In-Phase
17
21
17
21
ns
tPHL
EI
EO
output
25
40
30
45
ns
tPHZ
EI
A0, A1 or A2
18
27
18
27
ns
CL = 5.0 pF
RL = 667 Ω
tPLZ
EI
A0, A1 or A2
23
35
23
35
ns
CL = 5.0 pF
RL = 667 Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com