Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS348 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS348
Description  8-INPUT PRIORITY ENCODERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS348 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS348 Datasheet HTML 1Page - Motorola, Inc 74LS348 Datasheet HTML 2Page - Motorola, Inc 74LS348 Datasheet HTML 3Page - Motorola, Inc 74LS348 Datasheet HTML 4Page - Motorola, Inc 74LS348 Datasheet HTML 5Page - Motorola, Inc 74LS348 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-499
FAST AND LS TTL DATA
8-INPUT PRIORITY ENCODERS
WITH 3-STATE OUTPUTS
The SN54 / 74LS348 and the SN54 / 74LS848 are eight input priority encod-
ers which provide the 8-line to 3-line function.
The outputs (A0 – A2) and inputs (0 – 7) are active low. The active low input
which has the highest priority (input 7 has the highest) is represented on the
outputs (output A0 is the lowest bit). An example would be if inputs 1, 2 and 4
were low, then a binary 4 would be represented on the outputs.
The GS (Group Signal) output is active low when any of the inputs are low. It
serves to indicate when any of the inputs are active.
A0, A1 and A2 are three-state outputs. This allows for up to 64 line expan-
sion without the need for special external circuitry.
A logical one on the Enable Input (EI) forces A0, A1 ared A2 to the disabled
state and outputs GS and EO to the high state. A high on all data inputs (0 – 7)
together with a low on the EI input disables outputs A0, A1, and A2 and forces
output GS to the high state and output EO to the low state.
Use of the EI input in conjunction with the EO output provides for the capa-
bility of having priority encoding of n input signals.
The LS848 has special internal circuitry providing for a greatly reduced neg-
ative going glitch on the GS (Group Signal) output and on a reduced tendency
for the A0, A1 and A2 outputs to become momentarily enabled. Both of these
occurrences happen when the EI input goes from a logical one to a logical zero
and all data inputs (0 – 7) are held at logical ones. The internal glitch reduction
circuitry does add an additional fan-in of one on all data inputs (compared to
that of the LS348).
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
4
EO
GS
3
2
0
1
OUTPUT
A0
5
6
7
EI
A2
A1 GND
OUTPUTS
INPUTS
OUTPUTS
INPUTS
EO
GS
3
2
0
1
5
6
7
EI
A2
A1
4
A0
FUNCTION TABLE
INPUTS
OUTPUTS
EI
0
1
2
3
4
5
6
7
A2
A1
A0
GS
EO
H
X X X
X X X
X X
Z
Z
Z
H
H
L
H H H H H H H H
Z
Z
Z
H
L
L
X X X
X X X
X
L
L
L
L
L
H
L
X X X
X X X
L
H
L
L
H
L
H
L
X X X
X X
L
H H
L
H
L
L
H
L
X X X
X
L
H H H
L
H
H
L
H
L
X X X
L
H H H H
H
L
L
L
H
L
X X
L
H H H H H
H
L
H
L
H
L
X
L
H H H H H H
H
H
L
L
H
L
L
H H H H H H H
H
H
H
L
H
SN54/74LS348
SN54/74LS848
8-INPUT PRIORITY ENCODERS
WITH 3-STATE OUTPUTS
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
16
1
D SUFFIX
SOIC
CASE 751B-03
H = HIGH Logic Level
L = LOW Logic Level
X = Irrelevant
Z = High Impedance State


Similar Part No. - 74LS348

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LS347 FAIRCHILD-74LS347 Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
74LS347DC FAIRCHILD-74LS347DC Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
74LS347FC FAIRCHILD-74LS347FC Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
74LS347PC FAIRCHILD-74LS347PC Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
More results

Similar Description - 74LS348

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HC148 TI-SN54HC148 Datasheet
585Kb / 17P
8-LINE TO 3-LINE PRIORITY ENCODERS
SN54LS348 TI-SN54LS348 Datasheet
192Kb / 5P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A Datasheet
58Kb / 6P
8-Input Multiplexer with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74LS148 HITACHI-HD74LS148 Datasheet
70Kb / 6P
8-line-to-3-line Octal Priority Encoders
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
Texas Instruments
SN54LS348 TI-SN54LS348_06 Datasheet
586Kb / 13P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A_00 Datasheet
81Kb / 7P
8-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
SN54HC148 TI1-SN54HC148_15 Datasheet
1Mb / 19P
8-LINE TO 3-LINE PRIORITY ENCODERS
SN54LS348 TI1-SN54LS348_14 Datasheet
536Kb / 13P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com