Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4429 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CLM4429
Description  High Speed MOSFET Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4429 Datasheet(HTML) 1 Page - Calogic, LLC

  CLM4429 Datasheet HTML 1Page - Calogic, LLC CLM4429 Datasheet HTML 2Page - Calogic, LLC CLM4429 Datasheet HTML 3Page - Calogic, LLC CLM4429 Datasheet HTML 4Page - Calogic, LLC CLM4429 Datasheet HTML 5Page - Calogic, LLC CLM4429 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Speed
MOSFET Drivers
CLM4420 / CLM4429
FEATURES
•• Latch Up Protected . . . . . . . . . . . . . . . . . . . . . . . . . >1.5A
•• Logic Input Swing . . . . . . . . . . . . . . . . . . . . . Negative 5V
•• ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
•• Matched Rise and Fall Times . . . . . . . . . . . . . . . . . . 20ns
APPLICATIONS
•• Motor Controls
•• Switch-Mode Power Supplies
•• Pulse Transformer Driver
•• Class D Switching Amplifiers
DESCRIPTION
The CLM4420 and CLM4429 family operate over 4.5V to 18V,
can withstand high current peaking of 6A and have matched
rise and fall times under 25ns.
The product has been
designed utilizing Calogic’s rugged CMOS process with
protection for latch up and ESD. The product is available in
inverting (CLM4429) and noninverting (CLM4420) configurations.
ORDERING INFORMATION
Part#
Logic
Package
Temperature Range
CLM4420CP Noninverting 8-Pin PDIP
0
oC to +70oC
CLM4420EP Noninverting 8-Pin PDIP
-40
oC to +85oC
CLM4420CY Noninverting 8-Pin SOIC
0
oC to +70oC
CLM4420EY Noninverting 8-Pin SOIC
-40
oC to +85oC
CLM4429CP Inverting
8-Pin PDIP
0
oC to +70oC
CLM4429EP Inverting
8-Pin PDIP
-40
oC to +85oC
CLM4429CY Inverting
8-Pin SOIC
0
oC to +70oC
CLM4429EY Inverting
8-Pin SOIC
-40
oC to +85oC
CORPORATION
FUNCTIONAL DIAGRAM AND PIN CONFIGURATIONS
300mV
CLM4420 / CLM4429
OUTPUT
INPUT
GND
4.7V
500
µ
V
DD
EFFECTIVE
INPUT
C = 38pF
1L-13
1A-08
V
DD
INPUT
NC
GND
1
2
3
8
7
6
45
V
DD
OUTPUT
OUTPUT
GND
SOIC
1A-07
V
DD
INPUT
NC
GND
1
2
3
8
7
6
45
V
DD
OUTPUT
OUTPUT
GND
DIP
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - CLM4429

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
CLM4426CP CALOGIC-CLM4426CP Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
CLM4426CY CALOGIC-CLM4426CY Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
CLM4426EP CALOGIC-CLM4426EP Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
CLM4426EY CALOGIC-CLM4426EY Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
More results

Similar Description - CLM4429

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
2A High-Speed MOSFET Drivers
2003
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
9A High-Speed MOSFET Drivers
2004
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
2A High-Speed MOSFET Drivers
03/25/03
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com