Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4429 Datasheet(PDF) 2 Page - Calogic, LLC

Part # CLM4429
Description  High Speed MOSFET Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4429 Datasheet(HTML) 2 Page - Calogic, LLC

  CLM4429 Datasheet HTML 1Page - Calogic, LLC CLM4429 Datasheet HTML 2Page - Calogic, LLC CLM4429 Datasheet HTML 3Page - Calogic, LLC CLM4429 Datasheet HTML 4Page - Calogic, LLC CLM4429 Datasheet HTML 5Page - Calogic, LLC CLM4429 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+20V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5V to >VDD
Input Current (VIN > VDD). . . . . . . . . . . . . . . . . . . . . . . . 50mA
Power Dissipation, TA
≤ 25oC
PDIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
500mW
Derating Factors (To Ambient)
PDIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mW/
oC
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4mW/
oC
Storage Temperature Range . . . . . . . . . . . .
-55
oC to +150oC
Operating Temperature (Chip). . . . . . . . . . . . . . . . . . . +150
oC
Operating Temperature Range (Ambient)
C Version . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
oC to +70oC
E Version . . . . . . . . . . . . . . . . . . . . . . . . . .
-40
oC to +85oC
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
oC
Static-sensitive device. Unused devices must be stored in
conductive material.
Protect devices from static discharge
and static fields. Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only and functional operation
of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for
extended-periods may affect device reliability.
CLM4420 / CLM429
CORPORATION
ELECTRICAL CHARACTERISTICS: TA = +25
oC with 4.5V ≤ VDD ≤ 18V, unless otherwise specified.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITIONS
INPUT
VIH
Logic 1 High Input Voltage
2.4
1.8
V
VIL
Logic 0 Low Input Voltage
1.3
0.8
V
VIN (Max)
Input Voltage Range
-5
VDD+0.3
V
IIN
Input Current
-10
10
µA
0V
≤ VIN ≤ VDD
OUTPUT
VOH
High Output Voltage
VDD-0.025
V
See Figure 1
VOL
Low Output Voltage
0.025
V
See Figure 1
RO
Output Resistance, High
2.1
2.8
Ω
IOUT = 10mA, VDD = 18V
RO
Output Resistance, Low
1.5
2.5
Ω
IOUT = 10mA, VDD = 18V
IPK
Peak Output Current
6
A
VDD = 18V (See Figure 5)
IREV
Latch-Up Protection
Withstand Reverse Current
>1.5
A
Duty Cycle
≤ 2%
t
≤ 300µA
SWITCHING TIME (Note 1)
tR
Rise Time
25
35
ns
Figure 1, CL = 2500pF
tF
Fall Time
25
35
ns
Figure 1, CL = 2500pF
tD1
Delay Time
20
40
ns
Figure 1
tD2
Delay Time
20
40
ns
Figure 1
POWER SUPPLY
IS
Power Supply Current
1
55
1.5
150
mA
µA
VIN = 3V
VIN = 0V
VDD
Operating Input Voltage
4.5
18
V
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com