Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4321 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CLM4321
Description  High Speed Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4321 Datasheet(HTML) 1 Page - Calogic, LLC

  CLM4321 Datasheet HTML 1Page - Calogic, LLC CLM4321 Datasheet HTML 2Page - Calogic, LLC CLM4321 Datasheet HTML 3Page - Calogic, LLC CLM4321 Datasheet HTML 4Page - Calogic, LLC CLM4321 Datasheet HTML 5Page - Calogic, LLC CLM4321 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Speed Buffer
CLM4121 / CLM4321
FEATURES
•• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 2000V/µs
•• Wide Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . 180MHz
•• Peak Output Current. . . . . . . . . . . . . . . . . . . . . . . 300mA
•• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 7mA
•• No Oscillations with Capacitive Loads
•• 5V to ±15V Operation Guaranteed
•• Fully Specified to Drive 50Ω Lines
APPLICATIONS
•• Coaxial Cable Driver
•• Flash A/D Converter Driver
•• Video DAC Buffer
•• OPAmp Booster
•• VideoAmplifier
•• High Frequency Filter
•• Wide Bandwidth Signal Conditioning
•• Radar
•• Sonar
GENERAL DESCRIPTION
The CLM4121 family are high speed unity gain buffers that
slew at 2000V/
µs, having a small signal bandwidth of
180MHz, delivers 150mA, yet draws only 7mA supply current.
The fast slew rate, wide bandwidth, and high output drive
make the CLM4121 family the ideal choice for closed loop
buffer applications with wide band op amps.
These same characteristics are the excellent choices for open
loop applications such as driving coaxial and switched pair
cables.
ORDERING INFORMATION
Part
Package
Temperature Range
CLM4121 N
NO8A (Plastic P Dip 8 Lead) -40
oC to 85oC
CLM4121 M
MO8B (SOIC 8 Lead)
-40
oC to 85oC
CLM4321 N
NO8A (Plastic P Dip 8 Lead) -25
oC to 70oC
CLM4321 M
MO8B (SOIC 8 Lead)
-25
oC to 70oC
CORPORATION
CONNECTION DIAGRAMS
1
2
3
45
6
7
8
Plastic SO
V
N/C
*V-
V-*
V+
V
*Heat-sinking pins. Pin 1 and Pin 8
must be connected to the negative supply.
IN
OUT
*V-
V-*
1
2
3
45
6
7
8
Plastic DIP
*V-
N/C
V-*
V+
V-*
*V-
V
IN
V
OUT
*Heat-sinking pins. Pin 1 and Pin 8
must be connected to the negative supply.
Package NO8A
Package MO8B
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076


Similar Part No. - CLM4321

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4322 CALOGIC-CLM4322 Datasheet
50Kb / 4P
4mW, 180MHz, 2000V/Us High Speed Buffer
CLM4322M CALOGIC-CLM4322M Datasheet
50Kb / 4P
4mW, 180MHz, 2000V/Us High Speed Buffer
CLM4322N CALOGIC-CLM4322N Datasheet
50Kb / 4P
4mW, 180MHz, 2000V/Us High Speed Buffer
More results

Similar Description - CLM4321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
High Speed Buffer
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
Calogic, LLC
CLM4125 CALOGIC-CLM4125 Datasheet
53Kb / 4P
350MHz High Speed Buffer
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
High Speed Buffer
logo
National Semiconductor ...
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
High Speed Buffer
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com