Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4321 Datasheet(PDF) 3 Page - Calogic, LLC

Part # CLM4321
Description  High Speed Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4321 Datasheet(HTML) 3 Page - Calogic, LLC

  CLM4321 Datasheet HTML 1Page - Calogic, LLC CLM4321 Datasheet HTML 2Page - Calogic, LLC CLM4321 Datasheet HTML 3Page - Calogic, LLC CLM4321 Datasheet HTML 4Page - Calogic, LLC CLM4321 Datasheet HTML 5Page - Calogic, LLC CLM4321 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CORPORATION
AC ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage =
±15V, VCM = 0, RL ≥ 100KΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25
oC.
SYMBOL
CHARACTERISTICS
TYP
CLM4121
CLM4321
UNITS
CONDITIONS
Limit (Note 5)
Limit (Note 5)
SR1
Slew Rate 1
4000
3500
2500
V/
µs
VIN =
±11V, RL = 1KΩ (Note 2)
SR2
Slew Rate 2
2000
1500
1000
VIN =
±5V, RL = 50Ω (Note 2)
SSBW
Small Signal Bandwidth
180
140
100
MHz
VIN =
±100mVPP, RL = 50Ω
CL
≤ 10pF
LSBW
Large Signal Bandwidth
65
55
40
VIN =
±11V, RL = 1K
CL
≤ 10pF
PBW
Power Bandwidth
40
30
20
VIN =
±8V, RL = 50Ω
CL
≤ 10pF
tr, tf
Rise Time
Fall Time
2.0
2.5
3.5
ns
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
tpd
Propagation Delay Time
3.0
ns
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
OS
Overshoot
10
%
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
Note 2: Slew rate is measured with 50
Ω source impedance at 25oC. For accurate measurements, the input slew rate should be at least
5000V/
µs.
Note 3: The test circuit consists of the human body model of 120pF in series with 1500
Ω.
Note 4: The maximum power dissipation is a function of TJ(max),
θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/
θJA.
Note 5: Limits are guaranteed by testing, correlation or periodic characterization.
Note 6: For M & N package,
θJA is measured by soldering the unit directly on a printed circuit board and V- pins are connected to 2 square
inches of 2 oz copper.
CLM4121 / CLM4321
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com