Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM6321 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CLM6321
Description  High Speed Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM6321 Datasheet(HTML) 1 Page - Calogic, LLC

  CLM6321 Datasheet HTML 1Page - Calogic, LLC CLM6321 Datasheet HTML 2Page - Calogic, LLC CLM6321 Datasheet HTML 3Page - Calogic, LLC CLM6321 Datasheet HTML 4Page - Calogic, LLC CLM6321 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Speed Buffer
CLM6121 / CLM6321
FEATURES
•• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200V/µs
•• Wide Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . 100MHz
•• Output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230mA
•• High Input Impedance. . . . . . . . . . . . . . . . . . . . . . . . 2MΩ
•• No Oscillations with Capacitive Loads
•• 5V to ±15V Operation Guaranteed
•• Current and Thermal Limiting
•• Fully Specified to Drive 50Ω Lines
APPLICATIONS
•• Line Driving
•• Radar
•• Sonar
GENERAL DESCRIPTION
The CLM6121 family are high speed unity gain buffers that slew
at 1200V/
µs, having a small signal bandwidth of 100MHz, and
capable of providing a continuous output current of
±200mA.
They are monolithic ICs which are pin to pin compatible with
the LH0002H/CH with the additional feature of current limiting.
The internal output short circuit current limiting feature has
been designed in the device such that when the junction
temperature reaches 170
oC, the current is limited to 100mA.
ORDERING INFORMATION
Part
Package
Temperature Range
CLM6121 H
Hermetic TO5 8 Lead
-55
oC to 125oC
CLM6321 H
Hermetic TO5 8 Lead
-40
oC to 85oC
CLM6121 N
Plastic P Dip 8 Lead
-40
oC to 85oC
CLM6321 N
Plastic P Dip 8 Lead
-40
oC to 85oC
CLM6121 M
SOIC 8 Lead
-25
oC to 70oC
CLM6321 M
SOIC 8 Lead
-25
oC to 70oC
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
CONNECTION DIAGRAMS
1
2
3
45
6
7
8
Plastic SO
V
N/C
*V-
V-*
V+
V
*Heat-sinking pins. Pin 1 and Pin 8
must be connected to the negative supply.
IN
OUT
*V-
V-*
1
2
3
45
6
7
8
Plastic DIP
*V-
N/C
V-*
V+
V-*
*V-
V
IN
V
OUT
*Heat-sinking pins. Pin 1 and Pin 8
must be connected to the negative supply.
1
2
3
4
5
6
7
8
N/C
N/C
V
IN
V
OUT
V
Metal Can
Top View
1+
V2+
V1-
V2-
Package NO8A
Package HO8A
Package MO8A


Similar Part No. - CLM6321

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM6321 CALOGIC-CLM6321 Datasheet
82Kb / 6P
High Speed Buffer
More results

Similar Description - CLM6321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
High Speed Buffer
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
High Speed Buffer
CLM4125 CALOGIC-CLM4125 Datasheet
53Kb / 4P
350MHz High Speed Buffer
logo
National Semiconductor ...
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
High Speed Buffer
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com