Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM6321 Datasheet(PDF) 3 Page - Calogic, LLC

Part # CLM6321
Description  High Speed Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM6321 Datasheet(HTML) 3 Page - Calogic, LLC

  CLM6321 Datasheet HTML 1Page - Calogic, LLC CLM6321 Datasheet HTML 2Page - Calogic, LLC CLM6321 Datasheet HTML 3Page - Calogic, LLC CLM6321 Datasheet HTML 4Page - Calogic, LLC CLM6321 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CLM6121 / CLM6321
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
AC ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage =
±15V, VCM = 0, RL ≥ 100kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25
oC.
SYMBOL
CHARACTERISTICS
TYP
CLM6121
CLM6321
UNITS
CONDITIONS
Limit (Note 6) Limit (Note 6)
SR1
Slew Rate 1
1200
550
550
V/
µsVIN = ±11V, RL = 1kΩ
SR2
Slew Rate 2
800
550
550
V/
µsVIN = ±5V, RL = 50Ω (Note 3)
SR3
Slew Rate 3
650
550
550
V/
µs
VIN = 2 VPP, RL = 50
Ω
V
+ = 5V
BW
-3 dB Bandwidth
50
30
30
MHz
VIN =
±100 mVPP, RL = 50Ω
CL
≤ 10pF
tr, tf
Rise Time
Fall Time
7.0
ns
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
tpd
Propagation Delay Time
4.0
ns
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
OS
Overshoot
10
%
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
Note 2: The CLM6121 series buffers contain current limit and thermal shutdown to protect against fault conditions.
Note 3: Slew rate is measured with a
±11V input pulse and 50Ω source impedance at 25oC. For accurate measurements, the input slew rate
should be at least 1700V/
µs.
Note 4: The test circuit consists of the human body model of 120pF in series with 1500
Ω.
Note 5: The maximum power dissipation is a function of TJ(max),
θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/
θJA.
Note 6: Limits are guaranteed by testing, correlation or periodic characterization.
Note 7: For M & N package,
θJA is measured by soldering the unit directly on a printed circuit board and V- pins are connected to 2 square
inches of 2 oz copper.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com