Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIRFS3607 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRFS3607
Description  Advanced Process Technology Low On-Resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS3607 Datasheet(HTML) 1 Page - International Rectifier

  AUIRFS3607 Datasheet HTML 1Page - International Rectifier AUIRFS3607 Datasheet HTML 2Page - International Rectifier AUIRFS3607 Datasheet HTML 3Page - International Rectifier AUIRFS3607 Datasheet HTML 4Page - International Rectifier AUIRFS3607 Datasheet HTML 5Page - International Rectifier AUIRFS3607 Datasheet HTML 6Page - International Rectifier AUIRFS3607 Datasheet HTML 7Page - International Rectifier AUIRFS3607 Datasheet HTML 8Page - International Rectifier AUIRFS3607 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
10/4/11
www.irf.com
1
AUIRFS3607
AUIRFSL3607
HEXFET® Power MOSFET
S
D
G
VDSS
75V
RDS(on) typ.
7.34m
:
max.
9.0m:
ID
80A
GD
S
Gate
Drain
Source
D2Pak
AUIRFS3607
TO-262
AUIRFSL3607
S
D
G
D
D
S
G
Specifically designed for Automotive applications, this
HEXFET® Power MOSFET utilizes the latest processing
techniques to achieve extremely low on-resistance per silicon
area. Additional features of this design are a 175°C junction
operating temperature, fast switching speed and improved
repetitive avalanche rating . These features combine to make
this design an extremely efficient and reliable device for use in
Automotiveapplicationsandawidevarietyofotherapplications.
Description
Features
l
Advanced Process Technology
l
Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free, RoHS Compliant
l
Automotive Qualified *
AUTOMOTIVE GRADE
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications
is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions. Ambient temperature (TA)
is 25°C, unless otherwise specified.
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
PD - 96402A
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
EAS (Thermally limited)
Single Pulse Avalanche Energy d
mJ
IAR
Avalanche CurrentÙ
A
EAR
Repetitive Avalanche Energy f
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
1.045
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak i
–––
40
Max.
80
56
310
0.96
300(1.6mm from case)
°C
A
°C/W
120
46
14
140
27
-55 to + 175
± 20


Similar Part No. - AUIRFS3607

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS3607 INFINEON-AUIRFS3607 Datasheet
715Kb / 11P
Advanced Process Technology
2016-2-12
More results

Similar Description - AUIRFS3607

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
Advanced Process Technology, Ultra Low On-Resistance
AUIRF7416Q IRF-AUIRF7416Q Datasheet
228Kb / 12P
Advanced Process Technology Low On-Resistance
AUIRFR4615 IRF-AUIRFR4615 Datasheet
295Kb / 13P
Advanced Process Technology Low On-Resistance
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
Advanced Process Technology Ultra Low On-Resistance
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
Advanced Process Technology Ultra Low On-Resistance
AUIRFS6535 IRF-AUIRFS6535 Datasheet
272Kb / 13P
Advanced Process Technology Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRF2903ZS IRF-AUIRF2903ZS Datasheet
235Kb / 14P
Advanced Process Technology Low On-Resistance
AUIRF7207Q IRF-AUIRF7207Q Datasheet
241Kb / 8P
Advanced Process Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com