Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIRFS3607 Datasheet(PDF) 13 Page - International Rectifier

Part # AUIRFS3607
Description  Advanced Process Technology Low On-Resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS3607 Datasheet(HTML) 13 Page - International Rectifier

Back Button AUIRFS3607 Datasheet HTML 5Page - International Rectifier AUIRFS3607 Datasheet HTML 6Page - International Rectifier AUIRFS3607 Datasheet HTML 7Page - International Rectifier AUIRFS3607 Datasheet HTML 8Page - International Rectifier AUIRFS3607 Datasheet HTML 9Page - International Rectifier AUIRFS3607 Datasheet HTML 10Page - International Rectifier AUIRFS3607 Datasheet HTML 11Page - International Rectifier AUIRFS3607 Datasheet HTML 12Page - International Rectifier AUIRFS3607 Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AUIRFS/SL3607
www.irf.com
13
IMPORTANTNOTICE
Unless specifically designated for the automotive market, International Rectifier Corporation and its subsidiaries (IR) reserve
the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services
at any time and to discontinue any product or services without notice. Part numbers designated with the “AU” prefix follow
automotive industry and / or customer specific requirements with regards to product discontinuance and process change
notification. All products are sold subject to IR’s terms and conditions of sale supplied at the time of order acknowledgment.
IR warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with IR’s
standard warranty. Testing and other quality control techniques are used to the extent IR deems necessary to support this
warranty. Except where mandated by government requirements, testing of all parameters of each product is not necessarily
performed.
IR assumes no liability for applications assistance or customer product design. Customers are responsible for their products
and applications using IR components. To minimize the risks with customer products and applications, customers should
provide adequate design and operating safeguards.
Reproduction of IR information in IR data books or data sheets is permissible only if reproduction is without alteration and is
accompanied by all associated warranties, conditions, limitations, and notices. Reproduction of this information with alterations
is an unfair and deceptive business practice. IR is not responsible or liable for such altered documentation. Information of
third parties may be subject to additional restrictions.
Resale of IR products or serviced with statements different from or beyond the parameters stated by IR for that product or service
voids all express and any implied warranties for the associated IR product or service and is an unfair and deceptive business
practice. IR is not responsible or liable for any such statements.
IR products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the
body, or in other applications intended to support or sustain life, or in any other application in which the failure of the IR product
could create a situation where personal injury or death may occur. Should Buyer purchase or use IR products for any such
unintended or unauthorized application, Buyer shall indemnify and hold International Rectifier and its officers, employees,
subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized
use, even if such claim alleges that IR was negligent regarding the design or manufacture of the product.
Only products certified as military grade by the Defense Logistics Agency (DLA) of the US Department of Defense, are designed
and manufactured to meet DLA military specifications required by certain military, aerospace or other applications. Buyers
acknowledge and agree that any use of IR products not certified by DLA as military-grade, in applications requiring military grade
products, is solely at the Buyer’s own risk and that they are solely responsible for compliance with all legal and regulatory
requirements in connection with such use.
IR products are neither designed nor intended for use in automotive applications or environments unless the specific IR products
are designated by IR as compliant with ISO/TS 16949 requirements and bear a part number including the designation “AU”.
Buyers acknowledge and agree that, if they use any non-designated products in automotive applications, IR will not be
responsible for any failure to meet such requirements.
For technical support, please contact IR’s Technical Assistance Center
http://www.irf.com/technical-info/
WORLDHEADQUARTERS:
101 N. Sepulveda Blvd., El Segundo, California 90245
Tel: (310) 252-7105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com