Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4428EP Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM4428EP
Description  1.5A Dual High Speed MOSFET Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4428EP Datasheet(HTML) 4 Page - Calogic, LLC

  CLM4428EP Datasheet HTML 1Page - Calogic, LLC CLM4428EP Datasheet HTML 2Page - Calogic, LLC CLM4428EP Datasheet HTML 3Page - Calogic, LLC CLM4428EP Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CLM4426 / CLM4427 / CLM4428
CORPORATION
FIGURE 1. SWITCHING TIME TEST CIRCUIT
90%
10%
90%
10%
90%
10%
INPUT
OUTPUT
≈0.4V
+5V
0V
t
F
INVERTING DRIVER
0.1
µF
VDD
t
R
OUTPUT
C
L = 1000pF
5,7
3
6
INPUT
V
DD = 18V
4.7
µF
2,4
90%
10%
INPUT
≈0.4V
+5V
OUTPUT
0V
VDD
NONINVERTING DRIVER
10%
10%
t
F
90%
t D2
t
R
t D1
t
D1
1B-40
t
D2
90%
CROSSOVER ENERGY LOSS
418
1B-41
VDD
16
14
12
10
8
6
–9
10
–8
10
8
7
2
3
4
5
6
9
NOTE: The values on this graph represent the loss seen by both
drivers in a package during one complete cycle. For a single
driver, divide the stated values by 2. For a single transition of a
single driver, divide the stated value by 4.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com