Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4428EP Datasheet(PDF) 2 Page - Calogic, LLC

Part # CLM4428EP
Description  1.5A Dual High Speed MOSFET Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4428EP Datasheet(HTML) 2 Page - Calogic, LLC

  CLM4428EP Datasheet HTML 1Page - Calogic, LLC CLM4428EP Datasheet HTML 2Page - Calogic, LLC CLM4428EP Datasheet HTML 3Page - Calogic, LLC CLM4428EP Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +22V
Input Voltage, IN A or IN B. . . . . . . . . VDD+0.3V to GND-5.0V
Maximum Chip Temperature . . . . . . . . . . . . . . . . . . . . +150
oC
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
oC
Package Thermal Resistance
PDIP RθJ-A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
oC/W
PDIP RθJ-C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
oC/W
SOIC RθJ-A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250
oC/W
SOIC RθJ-C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
oC/W
Operating Temperature Range
C Version . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
oC to +70oC
E Version . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
oC to +85oC
Power Dissipation
Plastic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000mW
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
Static-sensitive device. Unused devices must be stored in conductive
material.
Protect devices from static discharge and static fields.
Stresses above those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other
conditions above those indicated in the operation sections of the
specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CLM4426 / CLM4427 / CLM4428
CORPORATION
AMBIENT TEMPERATURE (˚C)
PACKAGE POWER
DISSIPATION
1000
0
400
25
150
1B-38
125
100
75
50
200
600
800
PDIP
SLOPE = –8mW/˚C
SOIC
SLOPE = –4mW/˚C
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ELECTRICAL CHARACTERISTICS TA = +25
oC with 4.5V ≤ VDD ≤ 18V, unless otherwise specified.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITIONS
INPUT
VIH
Logic 1 High Input Voltage
2.4
-
-
V
VIL
Logic 0 Low Input Voltage
-
-
0.8
V
IIN
Input Current
-1
-
1
µA
0V
≤ VIN ≤ VDD
OUTPUT
VOH
High Output Voltage
VDD-0.025
-
-
V
VOL
Low Output Voltage
-
-
0.025
V
RO
Output Resistance
-
7
10
Ω
VDD = 18V, IO = 10mA
IPK
Peak Output Current
-
1.5
-
A
IREV
Latch-Up Protection
Withstand Reverse Current
>0.5
-
-
A
Duty Cycle
≤ 2%
t
≤ 300µs
SWITCHING TIME (Note 1)
tR
Rise Time
-
25
30
ns
Figure 1
tF
Fall Time
-
25
30
ns
Figure 1
tD1
Delay Time
-
-
30
ns
Figure 1
tD2
Delay Time
-
-
50
ns
Figure 1
POWER SUPPLY
IS
Power Supply Current
-
-
-
-
4.5
0.4
mA
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note: 1. Switching times are guaranteed by design.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com