Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS373 Datasheet(PDF) 5 Page - Motorola, Inc

Part # 74LS373
Description  OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS373 Datasheet(HTML) 5 Page - Motorola, Inc

  74LS373 Datasheet HTML 1Page - Motorola, Inc 74LS373 Datasheet HTML 2Page - Motorola, Inc 74LS373 Datasheet HTML 3Page - Motorola, Inc 74LS373 Datasheet HTML 4Page - Motorola, Inc 74LS373 Datasheet HTML 5Page - Motorola, Inc 74LS373 Datasheet HTML 6Page - Motorola, Inc 74LS373 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AC WAVEFORMS
Figure 6
OE
VOUT
1.3 V
1.3 V
tPZL
tPLZ
VOL
1.3 V
≈ 1.3 V
0.5 V
SW2
CL*
5.0 kΩ
SW1
VCC
RL
TO OUTPUT
UNDER TEST
Figure 8
SWITCH POSITIONS
* Includes Jig and Probe Capacitance.
AC LOAD CIRCUIT
CP
Dn
OUTPUT
tPLH
tWH
tWL
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
ts
th
tPHL
Figure 5
Figure 7
1.3 V
1.3 V
1.3 V
OE
VOUT
tPHZ
≥ VOH
0.5 V
tPZH
≈ 1.3 V
5-525
FAST AND LS TTL DATA
SN54/74LS374
SYMBOL
SW1
SW2
tPZH
Open
Closed
tPZL
Closed
Open
tPLZ
Closed
Closed
tPHZ
Closed
Closed



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com