Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS373 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS373
Description  OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS373 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS373 Datasheet HTML 1Page - Motorola, Inc 74LS373 Datasheet HTML 2Page - Motorola, Inc 74LS373 Datasheet HTML 3Page - Motorola, Inc 74LS373 Datasheet HTML 4Page - Motorola, Inc 74LS373 Datasheet HTML 5Page - Motorola, Inc 74LS373 Datasheet HTML 6Page - Motorola, Inc 74LS373 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-522
FAST AND LS TTL DATA
SN54/74LS373
• SN54/74LS374
TRUTH TABLE
LS373
Dn
LE
OE
On
H
H
L
H
L
H
L
L
X
L
L
Q0
X
X
H
Z*
LS374
Dn
LE
OE
On
H
L
H
L
L
L
X
X
H
Z*
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
* Note: Contents of flip-flops unaffected by the state of the Output Enable input (OE).
LOGIC DIAGRAMS
SN54LS / 74LS373
SN54LS / 74LS374
D
D
G
Q
CP
Q Q
CP
OE
OE
LE
LATCH
ENABLE
O0
O1
O2
O3
O4
O5
O6
O7
D0
14
1
2
6
7
3
8
4
5
9
11
12
16
13
15
VCC = PIN 20
GND = PIN 10
= PIN NUMBERS
D
G
Q
D1
D
G
Q
D2
D
G
Q
D3
D
G
Q
D4
D
G
Q
D5
D
G
Q
D6
D
G
Q
D7
17
18
19
O0
O1
O2
O3
O4
O5
O6
O7
2
6
5
9
12
16
15
19
D0
14
7
3
8
4
13
D1
D2
D3
D4
D5
D6
D7
17
18
1
11
D
CP
Q Q
D
CP
Q Q
D
CP
Q Q
D
CP
Q Q
D
CP
Q Q
D
CP
Q Q
D
CP
Q Q
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54
74
– 1.0
– 2.6
mA
IOL
Output Current — Low
54
74
12
24
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com