Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST310 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SST310
Description  N-Channel JFET High Frequency Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST310 Datasheet(HTML) 1 Page - Calogic, LLC

  SST310 Datasheet HTML 1Page - Calogic, LLC SST310 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel JFET
High Frequency Amplifier
J308 – J310 / SST308 – SST310
FEATURES
•• Industry Standard Part in Low Cost Plastic Package
•• High Power Gain
•• Low Noise
•• Dynamic Range Greater Than 100dB
•• Easily Matched to 75Ω Input
APPLICATIONS
•• VHF/UHFAmplifiers
•• Oscillators
•• Mixers
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Drain-Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V
Drain-Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V
Continuous Forward Gate Current . . . . . . . . . . . . . . . . -10mA
Storage Temperature Range . . . . . . . . . . . . . -55
oC to +150oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +135oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . 3.27mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
J308-310
Plastic TO-92
-55
oC to +135oC
SST308-310 Plastic SOT-23
-55
oC to +135oC
For Sorted Chips in Carriers see U308 series.
CORPORATION
PIN CONFIGURATION
TO-92
S G
D
5021
SOT-23
G
S
D
PRODUCT MARKING (SOT-23)
SST308
Z08
SST309
Z09
SST310
Z10


Similar Part No. - SST310

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SST310 LINEAR-SST310 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
Vishay Siliconix
SST310 VISHAY-SST310 Datasheet
74Kb / 7P
N-Channel JFETs
04-Jun-01
SST310 VISHAY-SST310 Datasheet
102Kb / 8P
Very High System Sensitivity
24-Jan-05
SST310 VISHAY-SST310 Datasheet
102Kb / 8P
N-Channel JFETs
24-Jan-05
SST310 VISHAY-SST310 Datasheet
102Kb / 8P
N-Channel JFETs
24-Jan-05
More results

Similar Description - SST310

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5484 CALOGIC-2N5484 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308 Datasheet
24Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
2N4416 LINEAR-2N4416 Datasheet
237Kb / 2P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Intersil Corporation
2N4223 INTERSIL-2N4223 Datasheet
42Kb / 1P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Micross Components
LS4416_SOT-23 MICROSS-LS4416_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416_TO-72 MICROSS-LS4416_TO-72 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_SOT-23 MICROSS-LS4416A_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_TO-92 MICROSS-LS4416A_TO-92 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
logo
Calogic, LLC
J308 CALOGIC-J308_15 Datasheet
33Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308_15 Datasheet
31Kb / 2P
N-Channel JFET High Frequency Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com