Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD404 Datasheet(PDF) 2 Page - Calogic, LLC

Part # SD404
Description  High Speed DMOS N-Channel Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD404 Datasheet(HTML) 2 Page - Calogic, LLC

  SD404 Datasheet HTML 1Page - Calogic, LLC SD404 Datasheet HTML 2Page - Calogic, LLC SD404 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD404
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = +25
oC unless otherwise noted)
Drain-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . +20V
Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V
+20V
Gate-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V
+20V
Source-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V
Peak Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . +0.8A
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . 100mA
Power Dissipation (at or below TA = +25
oC) . . . . . . . . 300mW
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . 3.0mW/
oC
Operating Junction and Storage
Temperature Range . . . . . . . . . . . . . . . . -55
oC to +125oC
ELECTRICAL CHARACTERISTICS (TA = +25
oC unless otherwise specified)
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNIT
TEST CONDITIONS
STATIC
BVDSS
Drain-Source Breakdown Voltage
20
25
V
ID = 1.0
µA, VGS =0
ID(OFF)
Drain-Source OFF Leakage Current
1.0
µAVDS = 15V, VGS = 0
IGSS
Gate-Source Leakage Current
10
µAVGS = 20V, VDS = 0
ID(ON)
Drain-Source ON Current
0.8
1.2
A
VDS = 10V, VGS = 10 V (Note 1)
VGS(th)
Gate-Source Threshold Voltage
0.5
1.1
1.5
V
ID = 1.0
µA, VDS = VGS
VDS(ON)
Drain-Source ON Voltage
200
mV
ID = 10mA
VGS = 2.4V
(Note 1)
rDS(ON)
Drain-Source ON Resistance
20
ohms
VDS(ON)
Drain-Source ON Voltage
800
mV
ID = 100mA
VGS = 4.5V
rDS(ON)
Drain-Source ON Resistance
8.0
ohms
DYNAMIC
gfs
Common-Source Forward Transconductance
100
mS
ID = 0.3A VDS = 20V
f = 1KHz
(Note 1)
ciss
Common-Source Input Capacitance
12
18
pf
VDS = 20V, VGS = 0
f = 1MHz
coss
Common-Source Output Capacitance
6.0
8.0
crss
Common-Source Reverse Transfer Capacitance
1.2
2.0
td(on)
Turn ON Delay Time
1.0
1.5
ns
VDD = 10V, RL = 390
Ω
VG(ON) = 10V, RG = 51
Ω
CL = 1.5pF
tr
Rise Time
1.0
2.0
t(OFF)
Turn OFF Time
1.0
Note 1: Pulse Test, 80
µSec, 1% Duty Cycle
SWITCHING TIMES TEST CIRCUIT
TEST WAVEFORMS
VDD
R L
VOUT
RG
510
51
VG
OSCILLOSCOPE
Ω
<
_
Ω
Ω
r
in
in
r
INPUT PULSE
t
0.5 nSEC
PULSE WIDTH - 100 nSEC
SAMPLING OSCILLOSCOPE
t < 0.36 nSEC
R
> 1M
C
< 2.0 pF
V
10%
0
t
V
0V
G(on)
d(on)
on
r
~
~
t
t
DD
V
Vout
in
90%
90%
10%
t
t
t
off
fall
d(off)
90%
10%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com