Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD404 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SD404
Description  High Speed DMOS N-Channel Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD404 Datasheet(HTML) 1 Page - Calogic, LLC

  SD404 Datasheet HTML 1Page - Calogic, LLC SD404 Datasheet HTML 2Page - Calogic, LLC SD404 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Speed DMOS
N-Channel Switch
SD404
FEATURES
•• High Speed Switching. . . . . . . . . . . . . . . . . . . . . tr < 2ns
•• Low Capacitance. . . . . . . . . . . . . . . . . . crss 1.2pF typical
•• Very Low on Resistance. . . . . . . . . . . . . . . . . 8 ohm max
•• Low Threshold . . . . . . . . . . . . . . . . . . . . . . . . . . . . < 1.5V
•• CMOS and TTL Compatible Input
•• Available in Surface Mount Package
APPLICATIONS
•• Switch Drivers
•• Video Switches
•• VHF/UHFAmplifiers
DESCRIPTION
The SD404 is an N-Channel Enhancement Mode device
processed with Calogic’s ultra high speed lateral DMOS
technology. The SD404 is an excellent switch driver or analog
switch. Its low threshold offers the designer an advantage in
applying the benefits of low on resistance and high speed
switching to low voltage circuits.
ORDERING INFORMATION
Part
Package
Temperature Range
SD404BD Plastic TO-92 Package
-55
oC to +125oC
SD404CY SOT-89 Surface Mount
-55
oC to +125oC
XSD404
Sorted Chips in Carriers
-55
oC to +125oC
PIN CONFIGURATION
CORPORATION
D
S G
TO-92
G
D
SOT-89
S (TAB)
SCHEMATIC DIAGRAM
CD3
SOURCE
(1)
GATE
(3)
DRAIN
(2)
PRODUCT MARKING
TO-92
SD4040B
SOT-89
SD404


Similar Part No. - SD404

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
SD404N700100 SHIELD-SD404N700100 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
SD404N700130 SHIELD-SD404N700130 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
SD404N700200 SHIELD-SD404N700200 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
SD404N700230 SHIELD-SD404N700230 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
SD404N706130 SHIELD-SD404N706130 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
More results

Similar Description - SD404

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD210 CALOGIC-SD210 Datasheet
29Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SD211 CALOGIC-SD211 Datasheet
29Kb / 2P
High-Speed Analo N-Channel DMOS FETs
SD403 CALOGIC-SD403 Datasheet
35Kb / 3P
High Speed DMOS N-Channel Switch
logo
Linear Integrated Syste...
SST823 LINEAR-SST823 Datasheet
227Kb / 2P
HIGH SPEED N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
New Jersey Semi-Conduct...
SD214 NJSEMI-SD214 Datasheet
93Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Calogic, LLC
SD210DE CALOGIC-SD210DE_15 Datasheet
36Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SD403BD CALOGIC-SD403BD_15 Datasheet
41Kb / 3P
High Speed DMOS N-Channel Switch
SD403CY CALOGIC-SD403CY_15 Datasheet
41Kb / 3P
High Speed DMOS N-Channel Switch
SD5000N CALOGIC-SD5000N_15 Datasheet
45Kb / 3P
High Speed DMOS N-Channel Switch
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com