Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951C Datasheet(PDF) 1 Page - Calogic, LLC

Part # LP2951C
Description  100mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LP2951C Datasheet(HTML) 1 Page - Calogic, LLC

  LP2951C Datasheet HTML 1Page - Calogic, LLC LP2951C Datasheet HTML 2Page - Calogic, LLC LP2951C Datasheet HTML 3Page - Calogic, LLC LP2951C Datasheet HTML 4Page - Calogic, LLC LP2951C Datasheet HTML 5Page - Calogic, LLC LP2951C Datasheet HTML 6Page - Calogic, LLC LP2951C Datasheet HTML 7Page - Calogic, LLC LP2951C Datasheet HTML 8Page - Calogic, LLC LP2951C Datasheet HTML 9Page - Calogic, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
100mA Low Dropout
Voltage Regulators
LP2950 / LP2951
FEATURES
•• 5V, 3.3V, and 3.0V Versions at 100mAOutput
•• Very Low Quiescent Current
•• Low Dropout Voltage
•• Extremely Tight Load and Line Regulation
•• Very Low Temperature Coefficient
•• Current and Thermal Limiting
•• Needs Only 1µF for Stability
LP2951 Versions Only
•• Error Flag Warns of Output Dropout
•• Logic-Controlled Electronic Shutdown
•• Output Programmable from 1.24 to 29V
APPLICATIONS
•• Battery Powered Systems
•• Cordless Telephones
•• Radio Control Systems
•• Portable / Palm Top / Notebook Computers
•• Portable Consumer Equipment
•• Portable Instrumentation
•• Avionics
•• SMPS Post-Regulator
•• Voltage Reference
•• Automotive Electronics
PRODUCT DESCRIPTION
The Calogic LP2950 and LP2951 are low power voltage
regulators. These devices are an excellent choice for use in
battery-powered applications such as cordless telephones,
radio control systems, and portable computers. The LP2950
and LP2951 features very low quiescent current and very low
dropout voltage (Typ. 50mV at light load and 380mV at 100mA).
This includes a tight initial tolerance of 0.5% typ., extremely
good load and line regulation 0.05% typ. and very low output
temperature coefficient, making the LP2950/LP2951 useful
as a low-power voltage reference.
The error flag output feature is used as power-on reset for
warning of a low output voltage, due to falling voltage input of
batteries. Another feature is the logic-compatible shutdown
input which enables the regulator to be switched on and off.
The LP2950 is offered in a 3-pin TO-92 package compatible
with other 5V, 3.0V, 3.3V regulators. The LP2951 is also available
in 8-pin plastic and SO-8.
The regulator output voltage may be pin-strapped for 5V, 3V
or 3.3 volts or programmed from 1.24 volt to 29 volts with an
external pair of resistors. Use of AS’s design, processing and
testing techniques make our LP2950 and LP2951 superior
over similar products.
ORDERING INFORMATION
PART
PACKAGE
TEMPERATURE RANGE
LP2950ACN-X
TO-92 (3-Pin)
IND.
LP2950CN-X
TO-92 (3-Pin)
IND.
LP2951ACP-X
Plastic DIP (8-Pin)
IND.
LP2951CP-X
Plastic DIP (8-Pin)
IND.
LP2951ACS-X
Plastic SOIC (8-Pin)
IND.
LP2951CS-X
Plastic SOIC (8-Pin)
IND.
X = 3.0V, 3.3V or 5.0V
CORPORATION
PIN CONNECTIONS
1D-20
123
1. OUTPUT
2. GROUND
3. INPUT
TO-92
BOTTOM VIEW
GROUND
1
2
3
8
7
6
4
5
ERROR
LP2951
1D-19
8-PIN SURFACE MOUNT
5V OR 3.3V TAP
FEEDBACK
INPUT
SHUTDOWN
SENSE
OUTPUT
TOP VIEW
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - LP2951C

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
LP2951C ADMOS-LP2951C Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
LP2951C ADMOS-LP2951C Datasheet
137Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2951C/AC ONSEMI-LP2951C/AC Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
LP2951CD ONSEMI-LP2951CD Datasheet
289Kb / 16P
Micropower Voltage Regulators
October, 1999 ??Rev. 5
LP2951CD ONSEMI-LP2951CD Datasheet
253Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2951C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
100mA Low Dropout Voltage Regulators
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Maxim Integrated Produc...
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com