Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951C Datasheet(PDF) 3 Page - Calogic, LLC

Part # LP2951C
Description  100mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LP2951C Datasheet(HTML) 3 Page - Calogic, LLC

  LP2951C Datasheet HTML 1Page - Calogic, LLC LP2951C Datasheet HTML 2Page - Calogic, LLC LP2951C Datasheet HTML 3Page - Calogic, LLC LP2951C Datasheet HTML 4Page - Calogic, LLC LP2951C Datasheet HTML 5Page - Calogic, LLC LP2951C Datasheet HTML 6Page - Calogic, LLC LP2951C Datasheet HTML 7Page - Calogic, LLC LP2951C Datasheet HTML 8Page - Calogic, LLC LP2951C Datasheet HTML 9Page - Calogic, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP2950 / LP2951
CORPORATION
BLOCK DIAGRAM
ERROR DETECTION
COMPARATOR
1D-21
1
µF
REFERENCE
1.23V
UNREGULATED DC
ERROR
AMPLIFIER
60mV
+
+
TO CMOS OR
TTL
330k
Ω
FROM
CMOS
OR TTL
+
+
5V @ 100mA
MAX
60k
Ω
LP2950 AND LP2951 BLOCK DIAGRAM
180k
Ω
81
7
SENSE
6
2
4
5
5V TAP
ERROR
GROUND
INPUT
OUTPUT
FEEDBACK
SHUTDOWN
3
–
+
–
+
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ELECTRICAL CHARACTERISTICS (continued)
PARAMETER
LP2951
LP2950AC / LP2951AC LP2950C / LP2951C
UNITS
CONDITIONS
(Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ERROR COMPARATOR
Output Leakage Current
0.01
1
0.01
1
0.01
1
µAVOH = 30V
Output Low Voltage
150
250
150
250
150
250
mV
VIN = 4.5V, IOL = 400
µA
Upper Threshold Voltage
40
60
40
60
40
60
mV
(Note 7)
Lower Threshold Voltage
75
95
75
95
75
95
mV
(Note 7)
Hysteresis
15
15
15
mV
(Note 7)
SHUTDOWN INPUT
Input Logic Voltage
2
1.3
0.6
2
1.3
0.7
2
1.3
0.7
V
V
Low (Regulator ON)
High (Regulator OFF)
Shutdown Pin
Input Current
30
675
50
800
30
675
50
800
30
675
50
800
µA
µA
VS = 2.4V
VS = 30V
Regulator Output Current
in Shutdown
310
3
10
3
10
µA
(Note 9)
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total temperature range.
Note 2: Unless otherwise specified all limits guaranteed for TJ = 25
oC, VIN = 6V, IL=100µA and CL = 1µF. Additional conditions for the 8-pin
versions are feedback tied to 5V tap and output tied to output Sense (VOUT = 5V) and VSHUTDOWN
≤ 0.8V.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 4: Line regulation for the LP2951 is tested at 150
oC for IL = 1mA. For IL = 100µA and TJ = 125oC, line regulation is guaranteed by design to
0.2%. See typical performance characteristics for line regulation versus temperature and load current.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured
at 1V differential at very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over temperature) must be
taken input account.
Note 6: VREF
≤ VOUT ≤ (VIN - 1V), 2.3 ≤ VIN ≤ 30V, 100µA ≤ IL ≤ 100mA, TJ ≤ TJMAX.
Note 7: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the nominal reference voltage
measured at 6V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT/VREF =
(R1+R2)/R2. For example, at a programmed output voltage of 5V, the error output is guaranteed to go low when the output drops by 95mV x
5V/1.235 = 384mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below
nominal, 7.5% guaranteed.
Note 8: VSHUTDOWN
≥ 2V, VIN ≤ 30V, VOUT = 0, Feedback pin tied to 5V Tap.
Note 9: All typical values are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com