Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U310 Datasheet(PDF) 2 Page - Calogic, LLC

Part # U310
Description  N-Channel JFET High Frequency Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

U310 Datasheet(HTML) 2 Page - Calogic, LLC

  U310 Datasheet HTML 1Page - Calogic, LLC U310 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U308 – U310
CORPORATION
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
U308
U309
U310
UNITS
TEST CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX
gfg
Common-Gate Forward
Transconductance
15
15
15
µS
VDS = 10V,
ID = 10mA
(Note 2)
f = 100MHz
14
14
14
f = 450MHz
gogs
Common-Gate Output
Conductance
0.18
0.18
0.18
f = 100MHz
0.32
0.32
0.32
f = 450MHz
Gpg
Common-Gate Power Gain
14
16
14
16
14
16
dB
f = 100MHz
10
11
10
11
10
11
f = 450MHz
NF
Noise Figure
1.5
2.0
1.5
2.0
1.5
2.0
f = 100MHz
2.7
3.5
2.7
3.5
2.7
3.5
f = 450MHz
NOTES: 1. Pulse test duration = 2ms.
2. For design reference only, not 100% tested.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com