Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U310 Datasheet(PDF) 1 Page - Calogic, LLC

Part # U310
Description  N-Channel JFET High Frequency Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

U310 Datasheet(HTML) 1 Page - Calogic, LLC

  U310 Datasheet HTML 1Page - Calogic, LLC U310 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel JFET
High Frequency Amplifier
U308 – U310
FEATURES
•• High Power Gain
•• Low Noise
•• Dynamic Range Greater The 100dB
•• Easily Matched to 75Ω Input
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Gate-Drain or Gate-Source Voltage . . . . . . . . . . . . . . . . -25V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Storage Temperature . . . . . . . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . . 4mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
U308-10
Hermetic TO-52
-55
oC to +150oC
XU308-10
Sorted Chips in Carriers
-55
oC to +150oC
CORPORATION
PIN CONFIGURATION
D
S
(TO-52)
G, C
5021
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
U308
U309
U310
UNITS
TEST CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX
IGSS
Gate Reverse Current
-150
-150
-150
pA
VGS = -15V
-150
-150
-150
nA
VGS = 0
TA = 125
oC
BVGSS
Gate-Source Breakdown Voltage
-25
-25
-25
V
IG = -1
µA, VDS = 0
VGS(off)
Gate-Source Cutoff Voltage
-1.0
-6.0
-1.0
-4.0
-2.5
-6.0
VDS = 10V, ID = 1nA
IDSS
Saturation Drain Current (Note 1)
12
60
12
30
24
60
mA
VDS = 10V, VGS = 0
VGS(f)
Gate-Source Forward Voltage
1.0
1.0
1.0
V
IG = 10mA, VDS = 0
gfg
Common-Gate Forward
Transconductance (Note 1)
10
17
10
17
10
17
mS
VDS = 10V,
ID = 10mA
f = 1kHz
gogs
Common Gate Output Conductance
250
250
250
µS
Cgd
Drain-Gate Capacitance
2.5
2.5
2.5
pF
VGS = -10V,
VDS = 10V
f = 1MHz
(Note 2)
Cgs
Gate-Source Capacitance
5.0
5.0
5.0
en
Equivalent Short Circuit
Input Noise Voltage
10
10
10
nV
√
Hz
VDS = 10V,
ID = 10mA
f = 100Hz
(Note 2)


Similar Part No. - U310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
U310 FAIRCHILD-U310 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
logo
Linear Integrated Syste...
U310 LINEAR-U310 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
EPCOS
U310 EPCOS-U310 Datasheet
86Kb / 7P
Low-Loss Filter for Mobile Communication
logo
Intersil Corporation
U310 INTERSIL-U310 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Vishay Siliconix
U310 VISHAY-U310 Datasheet
74Kb / 7P
N-Channel JFETs
04-Jun-01
More results

Similar Description - U310

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5484 CALOGIC-2N5484 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
J308 CALOGIC-J308 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
2N4416 LINEAR-2N4416 Datasheet
237Kb / 2P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Intersil Corporation
2N4223 INTERSIL-2N4223 Datasheet
42Kb / 1P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Micross Components
LS4416_SOT-23 MICROSS-LS4416_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416_TO-72 MICROSS-LS4416_TO-72 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_SOT-23 MICROSS-LS4416A_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_TO-92 MICROSS-LS4416A_TO-92 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
logo
Calogic, LLC
J308 CALOGIC-J308_15 Datasheet
33Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308_15 Datasheet
31Kb / 2P
N-Channel JFET High Frequency Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com