Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASAP2800 Datasheet(PDF) 2 Page - International Rectifier

Part # ASAP2800
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASAP2800 Datasheet(HTML) 2 Page - International Rectifier

  ASAP2800 Datasheet HTML 1Page - International Rectifier ASAP2800 Datasheet HTML 2Page - International Rectifier ASAP2800 Datasheet HTML 3Page - International Rectifier ASAP2800 Datasheet HTML 4Page - International Rectifier ASAP2800 Datasheet HTML 5Page - International Rectifier ASAP2800 Datasheet HTML 6Page - International Rectifier ASAP2800 Datasheet HTML 7Page - International Rectifier ASAP2800 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com
ASAP Series
For Notes to Specifications, refer to page 3
Absolute Maximum Ratings
Input Voltage
-0.5V to 50V Continous, 80V for 1 second
Power Output
Internally limited
Soldering Temperature
300°C for 10 seconds
Temperature Range
Operating
-55°C to +125°C Case
Storage
-65°C to +150°C
ASAP2805S/xx
ASAP2812S/xx
ASAP2815S/xx
TEST
Conditions
-55°
≤ TC ≤ +125°C
VIN = 28V dc ±5% CL = 0
unless otherwise specified
Group A
Subgroups
Min
Max
Min
Max
Min
Max
Unit
1
4.95
5.05
11.88
12.12
14.85
15.15
Output voltage
IOUT = 0
2, 3
4.90
5.10
11.76
12.24
14.70
15.30
V
Output current
1
VIN = 15, 28, and 50 V dc
1, 2, 3
1200
500
400
mA
1
60
60
60
Output ripple voltage
2
VIN = 15, 28 and 50 V dc
2, 3
100
100
100
mV PP
1
±25
±25
±25
Line regulation
VIN = 15, 28, and 50 V dc
IOUT = 0, 50%, 100% IMAX
2, 3
±50
±50
±50
mV
1
±25
±25
±25
Load regulation
VIN = 15, 28, and 50 V dc
IOUT = 0, 50%, 100% IMAX
2, 3
±50
±50
±50
mV
IOUT = 0 Pin 5 to Pin 7
18
18
18
Input current
IOUT = 0 Pin5 open
1, 2, 3
50
50
50
mA
Input ripple current
2
IOUT = IMAX
1, 2, 3
100
100
100
mA PP
1
71
71
Efficiency
IOUT = IMAX
2, 3
66
68
68
%
Isolation - Input to
output or any pin to
case
VTEST 500 Vdc, Tc= +25°C
1
100
100
100
M
Ω
Capacitive load
3, 4
No effect on dc
performance, Tc = +25°C
4
500
200
200
µF
Overload
5
5.0
5.0
5.0
Power dissipation, load
fault
Short circuit
1, 2, 3
2.0
2.0
2.0
W
Switching frequency
4
IOUT = IMAX
4, 5, 6
500
600
500
600
500
600
KHz
4
-300
+300
½ IMAX
Ù IMAX
5, 6
-450
+450
-450
+450
-450
+450
4
-500
+500
Output response to step
transient load changes
6
0 mA
Ù IMAX
5, 6
-750
+750
-750
+750
-750
+750
mV pk
IOUT = IMAX
200
100
100
µs
Recovery time, step
transient load changes
0 mA
Ù ½ IMAX
4, 5, 6
1.0
1.0
1.0
ms
Output response
transient step line
changes
4 8
Input step 15
Ù 50 V dc
IOUT = IMAX
4, 5, 6
-500
500
-1000
1000
-1000
1000
mV pk
Recovery time transient
step line changes
4, 7, 8
Input step 15
Ù 50 V dc
IOUT = IMAX
4, 5, 6
800
800
800
µs
Turn on overshoot
IOUT = 0 mA, IMAX
4, 5, 6
600
750
750
mV pk
Turn on delay
9
IOUT = 0 or IMAX
4, 5, 6
20
25
25
ms
Load fault recovery
4
4, 5, 6
20
25
25
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com