Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASAP2800 Datasheet(PDF) 1 Page - International Rectifier

Part # ASAP2800
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASAP2800 Datasheet(HTML) 1 Page - International Rectifier

  ASAP2800 Datasheet HTML 1Page - International Rectifier ASAP2800 Datasheet HTML 2Page - International Rectifier ASAP2800 Datasheet HTML 3Page - International Rectifier ASAP2800 Datasheet HTML 4Page - International Rectifier ASAP2800 Datasheet HTML 5Page - International Rectifier ASAP2800 Datasheet HTML 6Page - International Rectifier ASAP2800 Datasheet HTML 7Page - International Rectifier ASAP2800 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10/11/11
www.irf.com
1
HIGH RELIABILITY
HYBRID DC-DC CONVERTERS
ASAP SERIES
Description
n Up To 6.0 Watt Output Power
n Availabe in Single and Dual Output Configurations
Single Outputs: 5V, 12V and 15V
Dual Outputs:
± 5V, ± 12V and ± 15V
n High Reliability
n Wide Input Voltage Range, 15 To 50 Volts
n Indefinite Short Circuit and Overload Protection
n Popular Industry Standard Pin-Out
n Military Screening Available
n Parallel Seam Welded Package
n No External Capacitors Required
n Input Voltage Surge Protected to MIL-STD-704A
80V, 1 second
n Under Voltage Lockout
Features
ASAP
28V Input, Single and Dual Output
The ASAP Series of DC-DC converters are high
reliability thick film hybrid converters that use flyback
topology operating at a nominal frequency of 550KHz.
High input to output isolation is achieved through the
use of transformers in the flyback power and feedback
circuits.
The advanced feedback design provides fast loop
response for superior line and load transient
characteristics and offers greater reliability than devices
incorporating optical feedback circuits.
This device is designed to meet MIL-STD-704D input
requirements offering full performance over a wide 15
to 50 volt input range and output power of up to 6.0 watts.
Connecting the inhibit pin (pin 5) to the input common
(pin 7) will cause the converter to shut down. It is
recommended that the inhibit pin be driven by an open
collector device capable of sinking at least 400
µA. The
open circuit voltage of the inhibit pin is 11.5 ±0.5 volts.
These converters are manufactured in a facility fully
qualified to MIL-PRF-38534. All processes used to
manufacture these converters have been qualified
thereby enabling International Rectifier to deliver fully
compliant devices. Four standard temperature grades
are offered with the screening options. Refer to
Screening Level section. The CH grade converters
are fully compliant to MIL-PRF-38534 for class H. The
HB grade converters are processed with the same
screening as the CH grade, but do not have class H
element evaluation as required by MIL-PRF-38534.
These two grades are fully tested and operate over the
full military temperature range without derating of output
power. A commercial grade is also available.
Variations in electrical, mechanical and screening
requirements can be accommodated. Extensive
computer simulation using complex modeling allows
design modifications to be examined. Contact IR San
Jose with specific requirements.
PD-97731


Similar Part No. - ASAP2800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASAP2800 IRF-ASAP2800 Datasheet
135Kb / 8P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
ASAP2800 IRF-ASAP2800_15 Datasheet
135Kb / 8P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - ASAP2800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800D VPT-DVFL2800D Datasheet
590Kb / 28P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0510S VPT-DVPL0510S Datasheet
489Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0520S VPT-DVPL0520S Datasheet
772Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com