Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRV-FD-RDDMDXA40 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # MRV-FD-RDDMDXA40
Description  RD-DMDXA40
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

MRV-FD-RDDMDXA40 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  MRV-FD-RDDMDXA40 Datasheet HTML 1Page - MRV Communications, Inc. MRV-FD-RDDMDXA40 Datasheet HTML 2Page - MRV Communications, Inc. MRV-FD-RDDMDXA40 Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
MRV Optical Communications Systems®
®
The RD-DMDXA40 enables separation of the
active equipment from wavelength multiplexing
components. It may be used in conjunction with
active optical devices from MRV (see Fiber Driver®,
Lambda Driver®, OptiSwitch™, CrossConnect™,
Packet Optical Transport product lines) or from any
other DWDM-compliant manufacturers.
The RD-DMDXA40 may be used as a standalone
tabletop device or mounted in 1-unit space of
a 19” data rack. Rack mounting options include
standard flush front mount or mid-chassis NEBS
level 3 configurations. The RD-DMDXA40 front panel
features dual LC (DLC) fiber connectors for the 40
DWDM channels as well as a DLC fiber port pair for
the multiplexed DWDM trunk link.
With front accessible connections and no need for
power, the unit may be fully operational in minutes
after unpacking the box.
2
Optical Specifications
Parameter
Symbol
Specifications
Unit
Comments
Min.
Typ.
Max.
Number of Channels
-
40
-
-
Channel Spacing
-
100
GHz
-
Channel Frequencies
fc
192.10 ~ 196.00
THz
1529.553 ~ 1560.606 nm
Wavelength Accuracy
∆λc
-
±30
±50
pm
Offset from ITU Frequencies
ITU Band
PB
-12.5
-
12.5
GHz
Centered at Each ITU Channel Frequency, fc
Insertion Loss (Passband)
IL
-
3.0
3.75
dB
Per MUX or DeMUX
IL
-
6.0
7.5
dB
Per Link
Insertion Loss Uniformity
∆IL
-
0.6
1.0
dB
Over All Channels and PDL
Ripple
R
-
0.6
1.5
dB
Loss Variation within ITU Band
Polarization Dependent Loss
PDL
-
0.35
0.7
dB
Maximum within ITU Band
1 dB Passband
δ1dB
0.23
-
-
nm
Measure 1dB down from Min IL, Unpolarized
3 dB Passband
δ3dB
0.41
-
-
nm
Measure 3dB down from Min IL, Unpolarized
Adjacent Channel Isolation
AX
-
-
26
dB
Worst-case within ITU Band
Non-Adjacent Channel Isolation
NX
-
-
40
dB
Worst-case within ITU Band
Total Isolation
TX
-
-
26
dB
Cumulative Sum of All AX and NX
Return Loss
RL
45
55
-
dB
Over All Channels and PDL
Chromatic Dispersion
CD
-20
-
20
ps/nm
Over ITU Band , Guaranteed by Design
Polarization Mode Dispersion
PMD
-
0.3
0.5
ps
Over ITU Band, GBD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com