Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRV-FD-RDDMDXA40 Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # MRV-FD-RDDMDXA40
Description  RD-DMDXA40
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

MRV-FD-RDDMDXA40 Datasheet(HTML) 1 Page - MRV Communications, Inc.

  MRV-FD-RDDMDXA40 Datasheet HTML 1Page - MRV Communications, Inc. MRV-FD-RDDMDXA40 Datasheet HTML 2Page - MRV Communications, Inc. MRV-FD-RDDMDXA40 Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
sales@mr v.com
Datasheet
MRV Optical Communications Systems®
®
RD-DMDXA40
DWDM Fiber Optic Multiplexer and De-Multiplexer
Overview
The RD-DMDXA40 from MRV is a combined passive forty-channel
100GHz DWDM multiplexer and de-multiplexer (MUX & DeMUX)
in a single 1U solution. It combines standard 100GHZ DWDM ITU
grid channels 21 through 60, and it may be used in pairs or in
combination with any other vendor’s ITU grid-compliant DWDM
MUX/DeMUX.
The RD-DMDXA40 is ideal for increasing the fiber capacity
between two sites without the need for installing or leasing
additional fibers.
The complete passive solution requires no power cabling and no
configuration; it is a true plug and play solution.
1
Applications
Point-to-point DWDM fiber optimization
Linear add/drop DWDM fiber optimization
Highlights
40 Channel 100 GHz DWDM combined Multi-
plexer and De-multiplexer (MUX & DeMUX)
Standalone compact form factor – 1U
Plug’n play: requires no configuration
Green product: completely passive, needs no
power and no cooling
Installation friendly: front accessible Dual LC
(DLC) connectors for the multiplexed chan-
nels and for the aggregated optical link
Fully transparent at all data rates and proto-
cols from T1 to 40 Gbps
Uniform insertion loss variation over the
40-channels - less than 1dB (typical 0.6dB)
per MUX or DeMUX
Compatible with 100GHz ITU Grid DWDM
active transponders and transceivers from
MRV and other third parties
High reliability, MTBF of 100 years
Designed for Telcordia / Bellcore GR-1209
and GR-1221
FIBER DRIVER Equipment
LAMBDA DRIVER Equipment
RD-DMDXA40
CISCO Equipment
LUCENT Equipment
RD-DMDXA40


Similar Part No. - MRV-FD-RDDMDXA40

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
Passive DWDM Components
MRV-FD-OADMC MRV-MRV-FD-OADMC Datasheet
595Kb / 3P
Passive WDM Cables
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
CWDM Passive Optical Add/Drop Multiplexers
MRV-FD-PWDM MRV-MRV-FD-PWDM Datasheet
288Kb / 3P
Passive CWDM MUX/DeMUX Modules
MRV-FD-SPLTCMB MRV-MRV-FD-SPLTCMB Datasheet
250Kb / 2P
Passive Splitter/Combiners
More results

Similar Description - MRV-FD-RDDMDXA40

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374459 ERNI-374459 Datasheet
82Kb / 1P
Messerleiste RD 128
100201950001 ERNI-100201950001 Datasheet
131Kb / 1P
Messerleiste RD 128
logo
PHOENIX CONTACT
3037038 PHOENIX-3037038 Datasheet
147Kb / 4P
ST 1,5 RD
3037096 PHOENIX-3037096 Datasheet
178Kb / 6P
ST 2,5 RD
3037151 PHOENIX-3037151 Datasheet
169Kb / 5P
ST 4 RD
3045062 PHOENIX-3045062 Datasheet
162Kb / 6P
UT 2,5 RD
3045127 PHOENIX-3045127 Datasheet
145Kb / 6P
UT 4 RD
3045185 PHOENIX-3045185 Datasheet
144Kb / 6P
UT 6 RD
3046304 PHOENIX-3046304 Datasheet
143Kb / 6P
UT 10 RD
0711810 PHOENIX-0711810 Datasheet
42Kb / 2P
Fixed bridge - FBRI 2-8 N SO RD/RD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com