Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS48 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS48
Description  BCD TO 7-SEGMENT DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS48 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS48 Datasheet HTML 1Page - Motorola, Inc 74LS48 Datasheet HTML 2Page - Motorola, Inc 74LS48 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
14
15
NUMERICAL DESIGNATIONS — RESULTANT DISPLAYS
0
1
2
3
4
5
6
7
8
9
10
11 12
13
NOTES:
(1) BI/RBO is wired-AND logic serving as blanking input (BI) and/or
ripple-blanking output (RBO). The blanking out (BI) must be open
or held at a HIGH level when output functions 0 through 15 are
desired, and ripple-blanking input (RBI) must be open or at a HIGH
level if blanking of a decimal 0 is not desired. X=input may be HIGH
or LOW.
(2) When a LOW level is applied to the blanking input (forced condition)
all segment outputs go to a LOW level, regardless of the state of any
other input condition.
(3) When ripple-blanking input (RBI) and inputs A, B, C, and D are at
LOW level, with the lamp test input at HIGH level, all segment
outputs go to a HIGH level and the ripple-blanking output (RBO)
goes to a LOW level (response condition).
(4) When the blanking input/ripple-blanking output (BI/RBO) is open or
held at a HIGH level, and a LOW level is applied to lamp-test input,
all segment outputs go to a LOW level.
TRUTH TABLE
SN54 / 74LS48
INPUTS
OUTPUTS
5-60
FAST AND LS TTL DATA
SN54/74LS48
PIN NAMES
LOADING (Note a)
HIGH
LOW
A, B, C, D
RBI
LT
BI / RBO
BI
BCD Inputs
Ripple-Blanking (Active Low) Input
Lamp-Test (Active Low) Input
Blanking Input or Ripple-
Blanking Output (Active Low)
Blanking (Active Low) Input
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
1.2 U.L.
0.5 U.L.
Open-Collector
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.75 U.L.
2(1) U.L.
0.25 U.L.
3.75 (1.25) U.L. (48)
NOTES:
a) Unit Load (U.L.) = 40
µA HIGH / 1.6 mA LOW
b) Outut current measured at VOUT = 0.5 V
Output LOW drive factor is SN54LS / 74LS48: 1.25 U.L. for Military (54), 3.75 U.L. for Commercial (74).
DECIMAL
OR
FUNCTION
LT
RBI
D
C
B
A
BI / RBO
a
b
c
d
e
f
g
NOTE
0
H
H
L
L
L
L
H
H
H
H
H
H
H
L
1
1
H
X
L
L
L
H
H
L
H
H
L
L
L
L
1
2
H
X
L
L
H
L
H
H
H
L
H
H
L
H
3
H
X
L
L
H
H
H
H
H
H
H
L
L
H
4
H
X
L
H
L
L
H
L
H
H
L
L
H
H
5
H
X
L
H
L
H
H
H
L
H
H
L
H
H
6
H
X
L
H
H
L
H
L
L
H
H
H
H
H
7
H
X
L
H
H
H
H
H
H
H
L
L
L
L
8
H
X
H
L
L
L
H
H
H
H
H
H
H
H
9
H
X
H
L
L
H
H
H
H
H
L
L
H
H
10
H
X
H
L
H
L
H
L
L
L
H
H
L
H
11
H
X
H
L
H
H
H
L
L
H
H
L
L
H
12
H
X
H
H
L
L
H
L
H
L
L
L
H
H
13
H
X
H
H
L
H
H
H
L
L
H
L
H
H
14
H
X
H
H
H
L
H
L
L
L
H
H
H
H
15
H
X
H
H
H
H
H
L
L
L
L
L
L
L
BI
X
X
X
X
X
X
L
L
L
L
L
L
L
L
2
RBI
H
L
L
L
L
L
L
L
L
L
L
L
L
L
3
LT
L
X
X
X
X
X
H
H
H
H
H
H
H
H
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com