Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS48 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 74LS48
Description  BCD TO 7-SEGMENT DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS48 Datasheet(HTML) 3 Page - Motorola, Inc

  74LS48 Datasheet HTML 1Page - Motorola, Inc 74LS48 Datasheet HTML 2Page - Motorola, Inc 74LS48 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-61
FAST AND LS TTL DATA
SN54/74LS48
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
a to g
54, 74
– 100
µA
IOH
Output Current — High
BI / RBO
54, 74
– 50
µA
IOL
Output Current — Low
a to g
54
74
2.0
6.0
mA
IOL
Output Current — Low
BI / RBO
BI / RBO
54
74
1.6
3.2
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
2.4
4.2
µA
VCC = MIN, IOH = – 50 µA,
VIN = VIH or U.L. per Truth Table
VOH
Output HIGH Voltage
2.4
4.2
µA
VCC = MIN, IOH = – 50 µA,
VIN = VIH or U.L. per Truth Table
IO
Output Current a to g
– 1.3
– 2.0
mA
VCC = MIN, VO = 0.85 V
Input Conditioner as for VOH
VOL
Output LOW Voltage a to g
54, 74
0.4
V
IOL = 2.0 mA
VCC = MIN, VIH = 2.0 V
VIL = VIL MAX
VOL
Output LOW Voltage a to g
74
0.5
V
IOL = 6.0 mA
VCC = MIN, VIH = 2.0 V
VIL = VIL MAX
VOL
Output LOW Voltage
BI / RBO
54, 74
0.4
V
IOL = 1.6 mA
VCC = MAX, VIH = 2.0 V
VIL = VIL MAX
VOL
Output LOW Voltage
BI / RBO
74
0.5
V
IOL = 3.2 mA
VCC = MAX, VIH = 2.0 V
VIL = VIL MAX
IIH
Input HIGH Current
(Except BI / RBO)
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
(Except BI / RBO)
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
(Except BI / RBO)
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IIL
Input LOW Current BI / RBO
– 1.2
mA
VCC = MAX, VIN = 0.4 V
ICC
Power Supply Current
25
38
mA
VCC = MAX
IOS
Short Circuit Current BI / RBO (Note 1)
– 0.3
–2.0
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPHL
Propagation Delay Time, HIGH-to-LOW
Level Output from A Input
100
ns
CL = 15 pF, RL = 4.0 kΩ
tPLH
Propagation Delay Time, LOW-to-HIGH
Level Output from A Input
100
ns
CL = 15 pF, RL = 4.0 kΩ
tPHL
Propagation Delay Time, HIGH-to-LOW
Level Output from RBI Input
100
ns
CL = 15 pF, RL = 6.0 kΩ
tPLH
Propagation Delay Time, LOW-to-HIGH
Level Output from RBI Input
100
ns
CL = 15 pF, RL = 6.0 kΩ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com