Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX750 Datasheet(PDF) 4 Page - C&D Technologies

Part # KX750
Description  750 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

KX750 Datasheet(HTML) 4 Page - C&D Technologies

  KX750 Datasheet HTML 1Page - C&D Technologies KX750 Datasheet HTML 2Page - C&D Technologies KX750 Datasheet HTML 3Page - C&D Technologies KX750 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KX750 4/99 REV B
Page 4
Standard Options are shown, consult factory for other available options.
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any
of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems
or in aircraft control applications.
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
AC Line
1
-V2
2
AC Neutral
2
+V2
3
Ground
3
-V3
4
+V3
J9 Connector
Molex No. 22-08--1140
PIN
FUNCTION
1
- Remote Sense #2
2
+ Remote Sense #2
3
Current Sense Bus #2
4
- Remote Sense #3
5
+ Remote Sense #3
6
Curent Sense Bus #3
7
+ Remote Sense #1
8
- Remote Sense #1
9
Sync I/O
10
AC Power Fail Alarm
11
Status/Control Return
12
DC Power Good
13
Remote Inhibit
14
Current Sense Bus #1
Pin Specifications
Connector Specifications
NOTES:
All measurements are in inches
FAN MOUNTED ON COVER ADDS 1.70”.
COOLING: The KX750 is designed to operate with 30 CFM airflow in 50°C ambient termperature.
SHOCK AND VIBRATION: The KX750 meets the requirements of MIL-STD-810D. (Vibration-Method 514.3 Procedure I; Shock-Method 516.3 Procedure I).
WEIGHT: Approximately 6 lbs.
Bottom View
Top View
Mechanical



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com